công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ZWS150BAF-5-R

  • AI
    ## Detailed Overview: TDK-Lambda ZWS150BAF-5/R The **ZWS150BAF-5/R** is a high-reliability, open-frame AC-DC power supply manufactured by TDK-Lambda. It belongs to the ZWS-BAF series, designed for industrial applications requiring high efficiency and compact footprints. ### Core Technical Specifications | Parameter | Specification | |:---|:---| | **Input Voltage Range** | 85 - 265 VAC (47-63Hz) or 120 - 370 VDC | | **Output Voltage** | 5V DC | | **Max Output Current** | 30A | | **Max Output Power** | 150W | | **Efficiency (Typical)** | 82% to 86% (depending on load/input) | | **Cooling** | Convection Cooled (No fan required) | | **Form Factor** | Open Frame | --- ### Key Electronic Features #### 1. Power Factor Correction (PFC) The "BAF" designation indicates that this unit includes **Active Power Factor Correction**. This ensures compliance with IEC61000-3-2 standards, reducing harmonic current emissions and improving overall energy usage from the AC grid. #### 2. The "/R" Suffix Meaning In the TDK-Lambda nomenclature, the **-R** suffix signifies **Remote On/Off control**. * This allows the user to turn the output of the power supply on or off using an external electrical signal without disconnecting the AC input. * This is crucial for automated systems and energy-saving standby modes. #### 3. Protection Circuitry The device incorporates several safety and durability features: * **Overcurrent Protection (OCP):** Automatically limits current to prevent damage during a short circuit or overload. * **Overvoltage Protection (OVP):** Shuts down or clamps the output if the voltage exceeds safety limits (typically 115-140% of nominal). * **Thermal Protection:** Safeguards the internal components from overheating if ambient temperatures exceed specified limits. --- ### Physical and Installation Data * **Compact Design:** Designed to occupy minimal space within industrial cabinets. * **Variable Mounting:** Can be mounted in multiple orientations, though derating curves (power reduction) may apply depending on airflow and orientation. * **I/O Connections:** Typically uses JST or similar crimp-style connectors for both AC input and DC output to ensure vibration resistance. ### Common Applications * **Industrial Automation:** Powering PLCs and sensors. * **Test & Measurement:** Stable 5V rails for lab equipment. * **Telecommunications:** Reliable power for networking peripherals. * **LED Signage:** High-current 5V supply for logic boards.
    ✨ Follow-up Questions
    • ⤷ What are the specific derating requirements for this model when used at high temperatures?
    • ⤷ How does the Remote On/Off circuit need to be wired (active high or low)?
    • ⤷ Are there alternative connector options instead of the standard JST connectors?