công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ZWS150BAF-48-R

  • AI
    The **ZWS150BAF-48-R** is a high-reliability, industrial-grade AC-DC power supply manufactured by TDK-Lambda. This specific model belongs to the ZWS-BAF series, known for being compact, open-frame, and featuring active Power Factor Correction (PFC). --- ### ## Technical Specifications Overview The model name can be decoded as follows: **ZWS** (Series), **150** (150W Output), **BAF** (Active PFC/High Efficiency), **48** (48V Output), and **-R** (Remote On/Off option). | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | 85 - 265 VAC (Universal Input) | | **Output Voltage** | 48 VDC | | **Maximum Output Current** | 3.2 A | | **Maximum Output Power** | 153.6 W | | **Efficiency (Typical)** | 88% - 90% | | **Cooling Method** | Convection Cooled | | **Safety Standards** | UL60950-1, EN60950-1, CE Mark | --- ### ### Key Electronic Components & Features #### 1. Active Power Factor Correction (PFC) Unlike standard power supplies, the "BAF" designation indicates an integrated active PFC circuit. This reduces harmonic current emissions and ensures compliance with IEC61000-3-2 standards, making the power usage more efficient for the electrical grid. #### 2. The "-R" Option (Remote On/Off) The "R" suffix indicates that this unit is equipped with a specific control circuit. * **Function:** Allows the user to turn the output voltage ON or OFF using an external electrical signal without disconnecting the AC input. * **Benefit:** Useful for automated systems and energy-saving standby modes. #### 3. Output Section Components * **Potentiometer (V.ADJ):** A small variable resistor located near the output terminals that allows the user to fine-tune the 48V output (typically ±10%). * **Electrolytic Capacitors:** High-temperature (105°C) rated capacitors are used to ensure a long service life, even in environments with poor airflow. #### 4. Protection Circuitry The internal PCB includes several protective sub-systems: * **Overcurrent Protection (OCP):** Constant current limiting with automatic recovery. * **Overvoltage Protection (OVP):** Shuts down the unit if the output exceeds approximately 115-135% of nominal voltage. * **Inrush Current Limiting:** A thermistor or relay-based circuit that prevents large sparks or tripped breakers when the unit is first plugged in. --- ### ### Physical Layout & Installation Since this is an **Open-Frame** power supply, the electronic components are exposed. * **Connectors:** Usually utilizes JST or similar crimp-style headers for Input (CN1) and Output (CN51). * **Grounding:** Must be mounted on metal standoffs to ensure the EMI filters function correctly and to provide a safety chassis ground.
    ✨ Follow-up Questions
    • ⤷ What are the specific wiring pinouts for the -R remote on/off connector?
    • ⤷ How does the derating curve affect the 150W output at temperatures above 50°C?
    • ⤷ Can this power supply be used in series or parallel configurations?