ZLEC03A2Y-R
AI

The **ZLEC03A2Y-R** is a specific electronic component, typically categorized as a **Limit Switch** or a sub-assembly within the **Honeywell GLL Series** (or related micro-switch families). It is engineered for industrial control circuits, providing physical-to-electrical signal conversion.
---
## 1. Technical Specifications
Below are the primary electronic and physical characteristics typically associated with this part number:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Limit Switch / Precision Snap Action Switch |
| **Contact Configuration** | 1NC / 1NO (Normally Closed / Normally Open) |
| **Switching Voltage** | Up to 250V AC / 250V DC |
| **Current Rating** | 10A (Thermal) / 3A (AC-15) |
| **Actuator Type** | Side Rotary (Standard Roller Lever) |
| **Termination Style** | Conduit entry (typically M20 or 1/2 NPT) |
| **Ingress Protection** | IP66 (Dust-tight and protected against powerful water jets) |
---
## 2. Key Electronic Features
### A. Snap-Action Contacts
The device utilizes a **Snap-Action** mechanism. Unlike slow-break switches, the contacts move at a constant speed regardless of the speed of the actuator. This reduces arcing and ensures a crisp, reliable electrical signal, which is critical for PLC (Programmable Logic Controller) inputs.
### B. Galvanically Isolated Contacts
The internal circuit usually features **Zb contacts**. This means the two sets of contacts (NC and NO) are electrically isolated from each other. This allows the switch to control two different circuits with different voltages or polarities simultaneously.
### C. Durability and Duty Cycle
* **Mechanical Life:** Often rated for up to 5 million operations.
* **Electrical Life:** Rated for approximately 100,000 cycles at full load.
---
## 3. Physical Construction
The "ZLEC" prefix often denotes a specific housing style or regional compliance:
* **Housing:** Die-cast Zinc or high-grade plastic (depending on the specific sub-series), designed to act as a heat sink and provide rugged protection in factory environments.
* **Actuation:** The "Side Rotary" mechanism allows the lever to be adjusted 360 degrees around the shaft, enabling detection from multiple angles.
---
## 4. Typical Applications
* **Safety Interlocks:** Ensuring a machine guard is closed before power is applied.
* **Position Sensing:** Detecting the arrival of a conveyor pallet or the end-of-travel for a CNC axis.
* **Object Detection:** Counting items on a production line that trigger the roller lever.
- ⤷
What is the difference between ZLEC and GLDC series Honeywell switches?
- ⤷ Can this switch be used in explosive (ATEX) environments?
- ⤷ What are the mounting hole dimensions for the ZLEC03A2Y-R housing?