ZLEA03A4J-R
AI

The **ZLEA03A4J-R** belongs to the **Honeywell Relialign™ ZL Series** of residential elevator door interlocks. Unlike standard passive electronic components (like resistors or capacitors), this is an electromechanical safety device integrated with specific electronic sensing and switching capabilities.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Honeywell Sensing and Productivity Solutions |
| **Series** | Relialign™ ZL |
| **Switch Type** | Door Interlock (Electromechanical) |
| **Contact Configuration** | 2NC / 1NO (Normally Closed / Normally Open) |
| **Voltage Rating** | 24 VDC / 24 VAC |
| **Termination** | 4-Pin Small Universal MATE-N-LOK Connector |
| **Solenoid Type** | DC Solenoid (Pull-to-unlock mechanism) |
---
### 2. Internal Electronic & Mechanical Components
The device operates through a combination of mechanical locking and electronic monitoring to ensure elevator safety.
#### A. The Solenoid (Actuator)
The heart of the "active" electronics in the ZLEA03A4J-R is the **Solenoid**.
* **Function:** When energized (usually by the elevator controller), the solenoid pulls the locking pin to allow the door to open.
* **Safety Logic:** It is designed as a "fail-safe" mechanism. If power is lost, the spring-loaded mechanical lock remains engaged, preventing the door from opening.
#### B. Microswitches (Monitoring)
Inside the housing are heavy-duty microswitches that provide feedback to the elevator control board:
* **Door Closed Sensor:** Detects if the door is physically shut.
* **Lock Engagement Sensor:** Detects if the mechanical bolt is fully seated in the locked position.
* **Redundancy:** The **2NC/1NO** configuration allows the system to cross-check signals, ensuring that a single switch failure doesn't create a dangerous situation.
#### C. Connection Interface
The **"4J"** in the part number indicates a specific wiring termination:
* It uses a **4-pin connector** (MATE-N-LOK).
* This allows for "plug-and-play" installation, reducing wiring errors that occur with manual terminal blocks.
---
### 3. Safety Standards and Certifications
This part is specifically engineered to meet strict elevator safety codes:
* **ASME A17.1 / CSA B44:** Safety code for elevators and escalators.
* **UL/cUL Listed:** Certified for fire safety and electrical reliability.
### 4. Application Use-Case
The ZLEA03A4J-R is primarily used in **Residential Elevators** and **Dumbwaiters**. It ensures that:
1. The elevator car cannot move unless the hoistway door is locked.
2. The hoistway door cannot be opened unless the elevator car is at that specific floor.
---
- ⤷What is the pinout diagram for the 4-pin MATE-N-LOK connector on this model?
- ⤷ Can the solenoid in the ZLEA03A4J-R be replaced independently if it fails?
- ⤷ How does the ZL series differ from the Honeywell GL series interlocks?