ZD3.9L-AE3-R
AI

### ZD3.9L-AE3-R Electronic Component Overview
The **ZD3.9L-AE3-R** is a high-precision **Zener Diode** designed for surface-mount applications. It is primarily used for voltage regulation and protection within electronic circuits.
---
### 1. Key Technical Specifications
| Parameter | Value | Description |
| :--- | :--- | :--- |
| **Zener Voltage ($V_z$)** | 3.9V | Nominal breakdown voltage |
| **Power Dissipation ($P_d$)** | 150mW - 200mW | Maximum power capacity (depending on PCB) |
| **Package Type** | SOT-23 | Small Outline Transistor (Surface Mount) |
| **Tolerance** | ±5% (standard) | Accuracy of the Zener voltage |
| **Impedance ($Z_{zt}$)** | Low | Dynamic resistance at test current |
| **Operating Temp** | -55°C to +150°C | Robust range for industrial use |
---
### 2. Functional Description
The ZD3.9L-AE3-R operates by allowing current to flow in the forward direction like a normal diode, but it also allows current to flow in the reverse direction when the voltage reaches the threshold of **3.9 Volts**.
* **Voltage Regulation:** It maintains a steady 3.9V output even when the input voltage or load current fluctuates.
* **Voltage Clamping:** It protects sensitive downstream components by "clamping" voltage spikes that exceed 3.9V.
---
### 3. Pinout and Physical Characteristics
The **AE3** suffix typically refers to the **SOT-23** package, which has three pins. In a Zener configuration, the internal mapping is usually:
1. **Anode:** Connected to the negative side (or ground).
2. **No Connection (NC):** Or sometimes tied to the cathode depending on the internal variant.
3. **Cathode:** Connected to the positive side for reverse-bias operation.
---
### 4. Common Applications
* **Smartphones & Tablets:** For battery management and charging circuit protection.
* **Reference Voltage:** Providing a stable 3.9V reference for Analog-to-Digital Converters (ADCs).
* **Logic Level Shifting:** Helping interface circuits with different operating voltages.
---
### 5. Part Number Breakdown (Typical)
| Code Segment | Meaning |
| :--- | :--- |
| **ZD** | Zener Diode |
| **3.9L** | 3.9 Volts (L often indicates low leakage or specific tolerance) |
| **AE3** | Package Code (SOT-23) |
| **R** | Tape and Reel (Packaging method) |
- ⤷
What is the maximum surge current this diode can handle?
- ⤷ How does the temperature coefficient affect the 3.9V output?
- ⤷ Can this diode be used in high-frequency switching power supplies?