công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ZD27-CL2-R

  • AI
    Based on the part number provided, the **ZD27-CL2-R** typically refers to a **Zener Diode** assembly or a specific sub-component used in circuit protection. Below is a breakdown of its electronic characteristics and common specifications. --- ## 1. Component Breakdown The part number follows a standard nomenclature for semiconductor devices: | Code Segment | Meaning | Details | | :--- | :--- | :--- | | **ZD** | Component Type | Indicates a **Zener Diode**. | | **27** | Voltage Rating | Represents a nominal Zener voltage of **27 Volts**. | | **CL2** | Package/Series | Often refers to a specific lead configuration or clamping series. | | **-R** | Packaging | Indicates **Tape and Reel** (RoHS compliant). | --- ## 2. Technical Specifications While exact specifications can vary by manufacturer (such as Comchip, Diodes Inc, or ROHM), the general electronic profile for a 27V Zener diode in this class is as follows: ### Electrical Characteristics * **Zener Voltage ($V_z$):** 27V (Typical nominal value). * **Power Dissipation ($P_d$):** Commonly **200mW to 500mW** depending on the specific surface-mount package. * **Tolerance:** Usually $\pm 5\%$. * **Reverse Leakage Current ($I_r$):** Very low (typically $< 50nA$ at $V_r = 20V$). * **Impedance ($Z_z$):** High resistance until the breakdown voltage is reached. ### Physical Characteristics * **Mounting Type:** Surface Mount Device (SMD). * **Package Styles:** Commonly found in **SOD-323**, **SOD-523**, or **SOT-23** footprints. * **Polarity:** The cathode is marked with a band on the body of the diode. --- ## 3. Function & Applications The ZD27-CL2-R is designed to allow current to flow backwards when the voltage reaches the 27V threshold, acting as a "pressure relief valve" for the circuit. ### Common Uses: 1. **Voltage Regulation:** Keeping a steady 27V supply for specific IC components. 2. **Overvoltage Protection:** Diverting voltage spikes above 27V to ground to protect sensitive downstream components. 3. **Clipping Circuits:** Shaping waveforms by limiting the voltage peaks to 27V. --- ## 4. Typical Circuit Symbol In a schematic, this part is represented by the standard Zener Diode symbol: ```text Cathode (K) | | / | --| |-- \ | | | Anode (A) ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum power dissipation for the ZD27-CL2-R in an SOD-323 package?
    • ⤷ Can this diode be used as a replacement for a standard 27V 1N4749A diode?
    • ⤷ How does temperature affect the Zener voltage of this specific 27V part?