công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ZD25-AE3-R

  • AI
    The **ZD25-AE3-R** is a specific model of a **Zener Diode**, typically used in electronic circuits for voltage regulation and circuit protection. Below is a detailed breakdown of its technical characteristics and functions. --- ### 1. General Overview A Zener diode is a semiconductor device that allows current to flow not only in the forward direction but also in the reverse direction when the voltage exceeds a specific value known as the **Zener Breakdown Voltage**. | Feature | Specification | | :--- | :--- | | **Part Number** | ZD25-AE3-R | | **Component Type** | Zener Diode | | **Zener Voltage ($V_z$)** | Approximately 25V | | **Package Type** | SOT-23 (Surface Mount Device) | | **Configuration** | Single Diode | --- ### 2. Technical Specifications The suffix codes in part numbers like these often denote specific manufacturing tolerances or packaging methods. * **Nominal Zener Voltage:** 25V. This is the voltage the diode will maintain across its terminals when operating in the breakdown region. * **Power Dissipation ($P_d$):** Usually rated around 200mW to 350mW (standard for SOT-23 packages). * **Tolerance:** Typically ±5% (Standard for "A" or "B" series suffixes in many manufacturers). * **Mounting Type:** SMD/SMT (Surface Mount Technology), which is ideal for compact, automated PCB assembly. --- ### 3. Key Functions in a Circuit The ZD25-AE3-R is primarily utilized for three main purposes: 1. **Voltage Regulation:** It provides a stable 25V reference voltage for low-current applications, ensuring that fluctuations in the input power do not affect sensitive components. 2. **Overvoltage Protection:** It acts as a "clamp." If the voltage in a circuit limb rises above 25V, the diode conducts to ground, preventing high-voltage spikes from damaging other parts. 3. **Clipping Circuits:** It can be used to "clip" or limit the peaks of an AC waveform at the 25V mark. --- ### 4. Typical Applications * **Power Supplies:** Stabilizing the output of a DC rail. * **Signal Conditioning:** Limiting input signals to prevent ADC (Analog-to-Digital Converter) damage. * **Gate Protection:** Protecting the gates of MOSFETs from high-voltage transients. --- ### 5. Identification (Marking Code) Because the SOT-23 package is very small, the full part number is rarely printed on the component. Instead, a short **Marking Code** (e.g., `25` or a specific alpha-numeric code) is used. Always refer to the specific manufacturer's datasheet (such as UTC or Chenmko) to verify the marking code.
    ✨ Follow-up Questions
    • ⤷ What is the maximum power dissipation for the SOT-23 package in this diode?
    • ⤷ How does a Zener diode differ from a standard Schottky diode?
    • ⤷ Can this diode be used in series to achieve a higher voltage regulation?