Z2AB
AI

The **Z2AB** is a specific marking code (SOT-23 package) typically used to identify the **XC6202P252MR** or similar series of voltage regulators. These are high-speed, low-power, CMOS-based components designed for voltage stability in compact electronic circuits.
---
### 1. General Specifications
The Z2AB (XC6202P252MR) is primarily a **Positive Fixed Voltage Regulator**. Below are its typical technical characteristics:
| Parameter | Value |
| :--- | :--- |
| **Output Voltage** | 2.5V (Fixed) |
| **Input Voltage Range** | Up to 20V |
| **Max Output Current** | 150mA |
| **Dropout Voltage** | ~200mV @ 30mA |
| **Package Type** | SOT-23 (3-pin) |
| **Quiescent Current** | 10.0 $\mu$A (Low power consumption) |
---
### 2. Internal Electronic Structure
The component consists of four main functional blocks integrated onto a single CMOS chip:
1. **Reference Voltage Source:** Provides a stable comparison point to ensure output accuracy.
2. **Error Amplifier:** Monitors the difference between the reference and the actual output.
3. **Current Limiter:** Protects the part from short circuits or excessive load.
4. **Phase Compensation Circuit:** Ensures the regulator remains stable even with varying output capacitors.
---
### 3. Pin Configuration (SOT-23)
In standard applications, the three pins are mapped as follows:
| Pin Number | Name | Function |
| :--- | :--- | :--- |
| **1** | **GND** | Ground connection. |
| **2** | **Vout** | Regulated 2.5V output. |
| **3** | **Vin** | Unregulated input voltage. |
---
### 4. Typical Application Circuit
To use the Z2AB effectively, external capacitors are required to filter noise and maintain stability.
```c
Vin (Input) ----+-----------[ Z2AB ]-----------+---- Vout (2.5V)
| (Regulator) |
[C1] [C2]
(1uF Ceramic) (1uF Ceramic)
| |
GND ------------+------------------------------+---- GND
```
---
### 5. Common Uses
* **Battery-Powered Devices:** Due to low quiescent current, it preserves battery life.
* **Reference Voltages:** Providing a stable 2.5V for ADCs or Microcontrollers.
* **Communication Equipment:** Filtering noise for RF or Bluetooth modules.
- ⤷
What are the alternatives to Z2AB if I need a higher output current?
- ⤷ How does the Z2AB compare to the LM1117 series?
- ⤷ What happens if the input voltage exceeds 20V?