công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • Z-E-R

  • AI
    The **Zero Emission Range (ZER)** concept refers to the total distance an electric vehicle (EV) or plug-in hybrid (PHEV) can travel using only its onboard electrical energy storage system before an internal combustion engine (ICE) or external recharging is required. To achieve and manage ZER, several critical electronic components work in synchronization. --- ## Key Electronic Components in ZER Systems | Component | Function | Role in Extending Range | | :--- | :--- | :--- | | **BMS (Battery Management System)** | Monitors cell voltage, temperature, and State of Charge (SoC). | Ensures cells discharge evenly and prevents damage that reduces capacity. | | **Inverter (Traction Inverter)** | Converts DC power from the battery to AC power for the motor. | Uses high-frequency switching (SiC or GaN) to minimize energy loss. | | **VCU (Vehicle Control Unit)** | The "brain" that manages torque and energy distribution. | Optimizes power flow based on driving conditions to maximize ZER. | | **Regenerative Braking Controller** | Reverses the motor to act as a generator during deceleration. | Recaptures kinetic energy and feeds it back into the battery. | | **DC-DC Converter** | Steps down high voltage (400V/800V) to low voltage (12V). | Powers auxiliary electronics (lights, sensors) efficiently. | --- ## 1. The Traction Inverter The inverter is the most critical electronic part for efficiency. Modern EVs are moving toward **Silicon Carbide (SiC)** semiconductors. * **Efficiency:** SiC reduces switching losses by up to 70% compared to traditional Silicon IGBTs. * **Impact:** Higher efficiency directly increases the ZER by ensuring more battery energy reaches the wheels. ## 2. Advanced Battery Management System (BMS) The BMS is a complex network of sensors and microcontrollers. * **Cell Balancing:** It ensures no single cell is over-discharged, which would limit the entire pack's range. * **Thermal Management:** Electronics control pumps and fans to keep the battery in its "sweet spot" (approx. 25°C–35°C), as extreme temperatures drastically reduce ZER. ## 3. Power Distribution Unit (PDU) The PDU acts as the central hub for high-voltage electricity. ```json { "functions": [ "High-voltage distribution", "Circuit protection (Fuses/Relays)", "Pre-charge circuitry to prevent current spikes" ] } ``` ## 4. On-Board Charger (OBC) While it doesn't move the car, the OBC's ability to handle high-speed AC charging determines how quickly the ZER can be restored. Efficiency here reduces "vampire" energy losses during the charging process. ---
    ✨ Follow-up Questions
    • ⤷How does Silicon Carbide (SiC) technology specifically improve EV range?
    • ⤷ What is the difference between usable capacity and total capacity in ZER calculations?
    • ⤷ How do thermal management electronics prevent range loss in winter?