YSDAXX11CDN
AI

The **YSDAXX11CDN** (specifically the **YSDA0511CDN** variant, often part of the YSDA series) is a high-performance **Transient Voltage Suppressor (TVS) Diode**. These components are primarily used for ESD (Electrostatic Discharge) protection in high-speed data lines.
---
### 1. Technical Specifications
The following table outlines the typical electrical characteristics for the YSDA series (specifically the 5V model, which is the most common in this footprint):
| Parameter | Symbol | Typical Value |
| :--- | :--- | :--- |
| **Reverse Stand-Off Voltage** | $V_{RWM}$ | 5.0 V |
| **Breakdown Voltage** | $V_{BR}$ | 6.0 V (Min) |
| **Clamping Voltage** | $V_C$ | 12 V (@ $I_{PP}$ = 1A) |
| **Peak Pulse Current** | $I_{PP}$ | 4.0 A |
| **Junction Capacitance** | $C_j$ | 0.4 pF - 0.6 pF |
| **Package Type** | DFN / SOD | DFN1006 (0402) |
---
### 2. Key Features
* **Ultra-Low Capacitance:** With a capacitance value often below 1.0pF, this part is designed to protect high-speed lines without distorting the signal.
* **Fast Response Time:** TVS diodes react in nanoseconds to shunt excess voltage to ground.
* **Small Footprint:** Usually housed in a **DFN1006-2L** package (equivalent to 0402 metric), making it ideal for space-constrained mobile devices.
* **Unidirectional/Bidirectional:** Depending on the specific suffix, these can protect lines with positive signals or signals that swing above and below ground.
---
### 3. Common Applications
Due to its low capacitance and high ESD immunity (Contact/Air discharge up to ±15kV or higher), it is frequently found in:
1. **USB 2.0 / 3.0 / 3.1 Ports:** Protecting data pins (D+ / D-).
2. **HDMI/DisplayPort:** High-definition video interfaces.
3. **Antenna Protection:** Shielding RF circuits from static.
4. **Mobile Handsets:** General protection for SIM cards, keypads, and touch screens.
---
### 4. Equivalent Circuit Representation
In a circuit diagram, the part is represented as a Zener-style diode placed in parallel with the signal line:
```text
Signal Line -----------+----------- To IC
|
_|_
/ \ (TVS Diode)
---
|
GND
```
- ⤷
What is the maximum peak pulse power (Ppk) rating for this specific TVS diode series?
- ⤷ How does the ultra-low capacitance of this part prevent signal integrity issues in USB 3.0?
- ⤷ What are the primary differences between the YSDA0511CDN and the YSDA1211CDN?