YFW60N03AS-R
AI

The **YFW60N03AS-R** is a specific N-channel enhancement mode Power MOSFET (Metal-Oxide-Semiconductor Field-Effect Transistor). This component is designed for high-current switching and power management applications where efficiency and thermal performance are critical.
---
### 1. Key Technical Specifications
Based on the standard nomenclature for this series, here are the typical technical parameters:
| Parameter | Symbol | Value (Typical) |
| :--- | :--- | :--- |
| **Drain-Source Voltage** | $V_{DSS}$ | 30V |
| **Continuous Drain Current** | $I_{D}$ | 60A |
| **Pulsed Drain Current** | $I_{DM}$ | 180A - 240A |
| **Gate-Source Voltage** | $V_{GS}$ | ±20V |
| **Static Drain-Source On-Resistance** | $R_{DS(on)}$ | ~5mΩ to 8mΩ (at $V_{GS}=10V$) |
| **Package Type** | - | TO-252 (DPAK) or TO-220 |
---
### 2. Functional Characteristics
The YFW60N03AS-R is engineered with specific physical characteristics to handle power effectively:
* **Low $R_{DS(on)}$:** The very low on-resistance minimizes power loss due to heat during conduction, increasing the overall efficiency of the circuit.
* **Fast Switching Speed:** Optimized gate charge ($Q_g$) allows the MOSFET to turn on and off rapidly, which is essential for High-Frequency PWM (Pulse Width Modulation) applications.
* **Trench Technology:** Most modern "60N03" variants utilize trench technology to achieve high cell density, which reduces the silicon footprint while maintaining high current capacity.
---
### 3. Pinout Configuration (TO-252 / DPAK)
In a standard power package, the pins are defined as follows:
1. **Gate (G):** Used to trigger the device (voltage-controlled).
2. **Drain (D):** Connected to the load (usually the metal tab for heat dissipation).
3. **Source (S):** Connected to the ground or negative side of the circuit.
---
### 4. Common Applications
Due to its 30V / 60A rating, this part is commonly found in:
* **DC-DC Converters:** For stepping down voltage in PC motherboards or laptops.
* **Motor Controllers:** Driving DC motors in robotics or automotive accessories.
* **Battery Protection:** BMS (Battery Management Systems) for Li-ion packs.
* **Power Load Switches:** Turning high-current peripherals on or off via a microcontroller.
---
- ⤷
What are the equivalent replacement parts for the YFW60N03AS-R?
- ⤷ How do I calculate the heat sink requirements for this MOSFET at 40A?
- ⤷ What is the maximum gate-source threshold voltage ($V_{GS(th)}$) for this component?