AI

The **YB216CWCPG01-24-CB** is a specific part number for a high-quality illuminated pushbutton switch manufactured by **NKK Switches**. This component is part of the YB Series, known for being panel-sealed and having a tactile feel.
Below is a breakdown of the electronic and physical specifications based on the part number nomenclature.
---
### 1. Part Number Breakdown
| Segment | Code | Description |
| :--- | :--- | :--- |
| **Series** | YB | Standard size, illuminated pushbutton series |
| **Circuit** | 216 | DPDT (Double Pole, Double Throw), On-On (Maintained) |
| **Seal** | CW | Panel Sealed (IP65 rated) |
| **Terminals** | CP | PC (Printed Circuit) Terminals |
| **Contact Material** | G | Gold Contacts (suitable for low-level logic) |
| **Illumination** | 01 | No Resistor (External resistor required for specific voltages) |
| **LED Voltage** | 24 | 24V DC LED circuit |
| **LED Color** | C | Red LED |
| **Cap Color** | B | White Cap |
---
### 2. Electronic Specifications
The "G" in the part number signifies gold-plated contacts, which are critical for low-energy applications where signal integrity is paramount.
* **Contact Rating (Resistive):** 0.4VA maximum @ 28V AC/DC.
* **Contact Resistance:** 50 milliohms maximum.
* **Insulation Resistance:** 200 megohms minimum @ 500V DC.
* **Dielectric Strength:**
* 1,000V AC minimum between contacts for 1 minute.
* 1,500V AC minimum between contacts and case for 1 minute.
* **Mechanical Life:** 1,000,000 operations minimum.
* **Electrical Life:** 100,000 operations minimum.
---
### 3. LED Characteristics
Since this model is illuminated, the internal LED requires specific handling:
* **LED Type:** Red (C).
* **Input Voltage:** 24V DC.
* **Circuitry:** This specific model usually includes a built-in resistor for the specified 24V rating, allowing for direct connection to a 24V power source without an external current-limiting resistor.
---
### 4. Physical & Environmental Features
* **Sealing:** Meets **IP65** standards of IEC60529, making it dust-tight and protected against water jets.
* **Operating Temperature:** $-25^\circ\text{C}$ to $+50^\circ\text{C}$ ($-13^\circ\text{F}$ to $+122^\circ\text{F}$).
* **Actuation Force:** 3.92 Newtons.
* **Mounting:** Designed for 16mm diameter panel cutouts.
- ⤷
What is the difference between DPDT and SPDT circuits in this switch series?
- ⤷ Can this switch be used with an AC power supply for the LED?
- ⤷ What are the advantages of using gold contacts over silver in this model?