Y-CONC-R806P-RJ6M-2000-B
AI

The **Y-CONC-R806P-RJ6M-2000-B** is a specialized industrial networking cable assembly, typically associated with high-durability environments such as robotics, factory automation, and CNC machinery. This part number is characteristic of the **Yamaichi Electronics** Y-Con series.
---
### 1. Part Number Breakdown
Based on standard industrial nomenclature for the Y-Con series, here is the technical breakdown of the components:
| Segment | Technical Specification | Description |
| :--- | :--- | :--- |
| **Y-CONC** | Series Prefix | Part of the Y-Con Industrial Ethernet / RJ45 series. |
| **R806P** | Connector Type A | RJ45 plug with specific IP67/68/69K protective housing. |
| **RJ6M** | Connector Type B | Industrial grade RJ45 male connector. |
| **2000** | Length | 2000mm (2.0 Meters). |
| **B** | Revision/Color | Often indicates black cable jacket or a specific wiring revision. |
---
### 2. Key Electronic & Mechanical Features
#### A. Data Transmission
* **Standard:** Category 5e (Cat5e) or Category 6 (Cat6) compliance depending on the internal wire gauge.
* **Shielding:** S/FTP or F/UTP (Screened/Foiled) to prevent Electromagnetic Interference (EMI) in high-voltage industrial environments.
#### B. Environmental Protection
* **IP Rating:** When mated with a compatible Y-Con flange, it typically offers **IP67 or IP68** protection (dust-tight and waterproof).
* **Vibration Resistance:** Designed with integrated locking mechanisms to prevent signal loss during high-vibration robotic movements.
#### C. Integrated Power (Optional Feature)
The Y-Con system is unique because it often includes **additional power contacts** (2 extra pins) alongside the standard RJ45 pins to allow for power delivery without utilizing PoE (Power over Ethernet) circuitry.
---
### 3. Typical Technical Specifications
| Parameter | Value |
| :--- | :--- |
| **Operating Temperature** | -20°C to +80°C |
| **Voltage Rating** | 50V AC / 60V DC |
| **Current Rating** | 2.1A (at 70°C for power contacts) |
| **Jacket Material** | PUR (Polyurethane) or PVC (High-Flex versions available) |
| **Durability** | > 1,000 Mating cycles |
---
### 4. Common Applications
* **Robotic Arms:** High-flex requirements for constant movement.
* **Vision Systems:** Connecting industrial cameras to controllers.
* **Heavy Machinery:** Interfaces for CNC machines where oil, coolant, and debris are present.
- ⤷
Does this specific part number require a matching Y-Con flange for IP67 protection?
- ⤷ What are the pinout differences between the standard RJ45 and the Y-Con 8+2 configuration?
- ⤷ Is this cable rated for high-flex 'drag chain' applications?