Y-CONC-R806P-RJ2U-2000-B
AI

The **Y-CONC-R806P-RJ2U-2000-B** is a specialized industrial cable assembly, typically used in high-precision motion control and robotics, specifically associated with **Yaskawa** Sigma-series servo systems.
---
### ## Technical Specifications Breakdown
The part number indicates a specific configuration for encoder or power feedback. Below is the breakdown of its electronic and physical characteristics:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Industrial Cable Assembly (Encoder/Feedback) |
| **Connector A** | RJ45 (8P8C) or specialized circular connector (depending on sub-version) |
| **Connector B** | IEEE1394 (6-pin) or Open-end lead wires |
| **Cable Length** | 2000mm (2.0 Meters) |
| **Shielding** | Double-shielded (Braid + Foil) to prevent EMI/RFI |
| **Compatibility** | Yaskawa Sigma-V / Sigma-7 Series Servos |
| **Application** | Digital signal transmission for encoders |
---
### ### Key Electronic Components
1. **Conductors (Internal Wiring):**
* Uses high-flex, tinned copper strands designed for continuous movement in cable carriers.
* Differential pair twisting is employed to reduce crosstalk between signal lines.
2. **Shielding Mechanism:**
* The "B" suffix often indicates a specific shielding or braiding density requirement. This ensures that the high-frequency pulses from the encoder are not distorted by the electromagnetic noise generated by the motor's power lines.
3. **Gold-Plated Contacts:**
* The pins within the connectors are typically gold-plated (3μ" to 30μ") to ensure low contact resistance and prevent oxidation in industrial environments.
---
### ### Application and Usage
This cable is primarily used to connect a **Linear Scale** or an **Encoder** to a **Serial Converter Unit** or directly to a **Servo Drive**.
* **Signal Integrity:** Maintains TTL or RS-422 differential signaling over the 2-meter length.
* **Durability:** The jacket is usually made of Oil-resistant PVC or PUR, making it suitable for CNC machines and robotic arms.
---
- ⤷What is the pinout diagram for the RJ2U connector interface?
- ⤷ Is this cable rated for high-flex robotic applications?
- ⤷ What are the compatible Yaskawa servo drive models for this cable?