Y-CONC-R806P-RJ2M-2000-B
AI

The **Y-CONC-R806P-RJ2M-2000-B** is a specialized industrial networking cable assembly, typically produced by manufacturers like **Yamaichi Electronics**. It is part of the Y-Con series, which is designed for high-reliability Ethernet connectivity in harsh industrial environments.
---
### 1. Technical Specifications Breakdown
The part number follows a specific nomenclature that defines its electronic and physical characteristics:
| Component | Description |
| :--- | :--- |
| **Series (Y-CON)** | Industrial RJ45 connector system with IP20 or IP67 ratings. |
| **Connector Type (R806P)** | Typically refers to an RJ45 plug with integrated power contacts (Power over Ethernet/Data). |
| **Cable Type (RJ2M)** | Specifies the cable construction (e.g., Cat5e or Cat6) and shielding. |
| **Length (2000)** | Indicates the cable length in millimeters (2000mm = 2 Meters). |
| **Variant (B)** | Specific revision or color coding (often Black). |
---
### 2. Key Electronic Components
The assembly consists of three primary electronic layers:
#### A. The RJ45 Connector (Industrial Grade)
Unlike standard consumer RJ45s, this part features:
* **Gold-Plated Contacts:** Ensures high conductivity and prevents corrosion over time.
* **Integrated Power Contacts:** Many Y-Con connectors include two additional fully integrated power contacts (capable of up to 2.1A) alongside the 8 data pins.
* **EMI Shielding:** A metal shroud to protect data signals from high-voltage interference common in factories.
#### B. The Raw Cable
* **Twisted Pairs:** 4 pairs (8 wires) for high-speed data transmission.
* **Shielding (S/FTP or SF/UTP):** Usually includes a braided shield and foil wrap to maintain signal integrity in "noisy" electrical environments.
* **Jacket Material:** Often PUR (Polyurethane) or PVC, providing resistance to oils, chemicals, and mechanical stress (flexing).
#### C. Environmental Protection
* **Strain Relief:** Overmolded boots prevent the internal copper wires from snapping under vibration.
* **IP Rating:** Depending on the housing, these are often rated for **IP20** (standard) or **IP67/68** (water/dustproof) when paired with the correct mating socket.
---
### 3. Typical Applications
This cable is primarily used in automation and control systems where standard Ethernet cables would fail:
1. **Industrial Ethernet:** Connecting PLCs (Programmable Logic Controllers) to HMIs.
2. **Robotics:** Used in cable tracks where frequent movement occurs.
3. **Machine Vision:** High-speed data transfer for industrial cameras.
4. **PoE+ Applications:** Utilizing the extra power pins for peripheral devices.
---
- ⤷
What are the specific pinout configurations for the integrated power contacts?
- ⤷ Does this cable support Cat6a speeds for 10Gbps Ethernet?
- ⤷ What is the minimum bend radius for the RJ2M cable type?