công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • Y-CONC-R802L-RJCU-2000-B

  • AI
    The **Y-CONC-R802L-RJCU-2000-B** is a specialized industrial-grade cable assembly, typically used in high-performance automation and robotics environments. It is part of the **Y-Con** series manufactured by **Yamaichi Electronics**. --- ### 1. Technical Specifications Overview This part is characterized by its RJ45 industrial interface and ruggedized construction. | Parameter | Specification | |:---|:---| | **Series** | Y-Con (Industrial RJ45) | | **Connector Type A** | RJ45 IP20/IP67 Compatible Plug | | **Connector Type B** | RJ45 IP20/IP67 Compatible Plug | | **Cable Length** | 2000mm (2 Meters) | | **Shielding** | S/FTP (Screened Foiled Twisted Pair) | | **Color** | Black (B suffix) | | **Data Rate** | Up to 100 Mbps (Fast Ethernet) | --- ### 2. Breakdown of the Part Number The alphanumeric code follows Yamaichi’s internal nomenclature: * **Y-CON**: The product family for industrial Ethernet connectors. * **R802L**: Refers to the specific cable type (usually 4-wire or 8-wire high-flex cable). * **RJCU**: Indicates the RJ45 Copper Unit (Connector type). * **2000**: The length of the cable in millimeters (2 meters). * **B**: Denotes the color (Black). --- ### 3. Key Electronic Features #### High-Flexibility (Robotic Grade) Unlike standard patch cords, the "R802L" designation usually implies a **High-Flex** or **Torsion-resistant** cable. This allows the electronic signals to remain stable even after millions of bending cycles in a robotic arm or drag chain. #### Enhanced Shielding To prevent **Electromagnetic Interference (EMI)** in factory environments (near motors and high-voltage lines), the cable uses: * **Individual Foil Shields:** Around each pair to prevent crosstalk. * **Braid Shield:** An overall copper braid to provide a path to ground and block external noise. #### Power over Ethernet (PoE) Support The Y-Con system is unique because it often includes integrated power contacts. Depending on the specific configuration of this assembly, it can carry both data and additional DC power without requiring separate power cables. --- ### 4. Common Applications * **Industrial Ethernet:** Connecting PLCs (Programmable Logic Controllers) to HMIs. * **Machine Vision:** High-speed data transfer for industrial cameras. * **Robotics:** End-of-arm tooling where the cable must withstand constant motion. ---
    ✨ Follow-up Questions
    • ⤷What is the IP rating for the Y-Con connector series?
    • ⤷ Does this cable support Gigabit Ethernet speeds?
    • ⤷ What are the compatible mounting frames for this cable?