công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • Y-CONC-R802L-RJ6P-2000-A

  • AI
    The **Y-CONC-R802L-RJ6P-2000-A** is a specialized industrial networking cable assembly typically used in automation, robotics, and PLC (Programmable Logic Controller) environments. It is part of the **Y-Con** series by Yamaichi Electronics. --- ### Technical Specifications | Feature | Specification | | :--- | :--- | | **Connector Type A** | RJ45 (Y-Con Series) Industrial Grade | | **Connector Type B** | RJ45 (Y-Con Series) Industrial Grade | | **Cable Length** | 2000mm (2 Meters) | | **Number of Pins** | 6 Pins (Data/Power configuration) | | **Protection Class** | IP20 (Standard) / IP67 (If using Y-Con covers) | | **Shielding** | S/FTP or SF/UTP (Double Shielded) | | **Cable Material** | PUR (Polyurethane) or PVC (depending on variant) | --- ### Key Components & Features #### 1. The Y-Con RJ45 System Unlike standard office-grade Ethernet connectors, the **Y-Con** system is designed for harsh environments. It features: * **Integrated Power Contacts:** This specific model uses a **6-pin** configuration. While standard Ethernet uses 8 pins for data, the Y-Con system often uses 4 pins for 10/100 Ethernet and **2 additional integrated pins** for auxiliary DC power. * **Vibration Resistance:** The locking mechanism is significantly more robust than a standard plastic RJ45 tab. #### 2. 6P Configuration (Data + Power) The "RJ6P" designation indicates that while the physical form factor is similar to an RJ45, it is wired for 6 positions. * **Pins 1-4:** Used for Data (Ethernet Transmission). * **Pins 5-6:** Used for Power Supply (up to 2.1A or 3.1A depending on the specific contact type). #### 3. Industrial Grade Cable (2000mm) The cable itself is built to withstand: * **Mechanical Stress:** High flexibility for use in cable carriers or moving robotic arms. * **Chemical Resistance:** Resistance to oils, coolants, and industrial lubricants. * **EMI Protection:** High-quality shielding to prevent data loss near high-voltage motors or frequency inverters. --- ### Common Applications * **Industrial Ethernet:** Connecting sensors or actuators to a fieldbus system. * **Vision Systems:** Providing both high-speed data for cameras and power through a single cable. * **CNC Machinery:** Communication between the controller and the drive units. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific pinout diagrams for the Y-Con 6-pin configuration?
    • ⤷ How does IP67 protection work with this cable assembly?
    • ⤷ Is this cable compatible with standard 8-pin RJ45 ports?