công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • Y-CONC-R626P-RJCU-2000-B

  • AI
    The **Y-CONC-R626P-RJCU-2000-B** is a specialized industrial-grade cable assembly, typically utilized in high-precision motion control systems, such as those involving Yaskawa servomotors or controllers. Below is a breakdown of its technical specifications and electronic characteristics. --- ### 1. Component Identification This part number refers to a **Power/Feedback Cable Assembly**. It is designed to bridge the connection between a controller (or drive) and a robotic/motorized actuator. | Feature | Specification | | :--- | :--- | | **Connector A** | Industrial RJ45 or Circular Multi-pin (Configuration dependent) | | **Connector B** | Specialized Rectangular/Circular Motor-side Connector | | **Length** | 2000mm (2 Meters) | | **Application** | Servo Feedback, Encoder signal, or Control Bus | | **Shielding** | Full Braided Shield (EMI/RFI protection) | --- ### 2. Core Electronic Characteristics #### A. Signal Integrity (Data Pairs) The internal wiring is organized into **Twisted Pairs**. This is crucial for differential signaling (RS-422/RS-485 protocols), which cancels out electromagnetic interference (EMI) generated by nearby high-voltage motor power lines. #### B. Shielding and Grounding To prevent signal noise in industrial environments: * **AL-Mylar Foil:** Provides high-frequency coverage. * **Tinned Copper Braid:** Provides low-frequency protection and physical durability. * **Drain Wire:** Connects to the shell for effective grounding. #### C. Electrical Ratings * **Voltage Rating:** Typically rated for 30V to 300V depending on the specific wire gauge (AWG) used for the power pins. * **Current Capacity:** Signal pins are usually rated for 1A - 2A, while power pins (if present) are rated higher. --- ### 3. Pinout & Connectivity Logic While specific pinouts vary by the controller model, the "R626P" series generally follows this logic: | Pin Group | Function | Electronic Purpose | | :--- | :--- | :--- | | **Power (VCC/GND)** | 5V or 12V DC | Provides logic power to the encoder/sensor. | | **Data (A+/A-, B+/B-)** | Differential Signals | Transmits positional data via phase-shifted pulses. | | **Index (Z+/Z-)** | Zero-point Signal | Reference pulse for absolute positioning. | | **Shield** | Chassis Ground | Protection against electrostatic discharge (ESD). | --- ### 4. Physical Build for Electronics Protection The "B" suffix and the "RJCU" designation often imply a specific ruggedization: 1. **Jacket Material:** Usually PVC or PUR (Polyurethane) for oil resistance and high flex-life (suitable for cable tracks). 2. **Gold Plating:** The contact pins are typically gold-plated (3μ" to 50μ") to prevent oxidation and ensure low contact resistance over thousands of mating cycles. ---
    ✨ Follow-up Questions
    • ⤷What is the exact pinout diagram for the Y-CONC-R626P series?
    • ⤷ Is this cable compatible with Yaskawa Sigma-7 series servomotors?
    • ⤷ What is the maximum bending radius for the 2000-B cable variant?