công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • Y-CONC-R626P-RJ6P-2000-B

  • AI
    The **Y-CONC-R626P-RJ6P-2000-B** is a specialized industrial cable assembly often utilized in high-speed data transmission and industrial automation environments. This specific part number typically refers to a custom or application-specific cable, often associated with high-performance communication protocols. --- ### Technical Breakdown of the Assembly The part number can be broken down into specific electronic and mechanical components: | Component Component | Description | | :--- | :--- | | **Connector A (R626P)** | Likely a circular or high-density industrial connector, often associated with specific sensory or motor feedback systems. | | **Connector B (RJ6P)** | A variation of the Registered Jack (RJ) standard, typically an 8P8C (RJ45) format but shielded or ruggedized for industrial use. | | **Cable Length (2000)** | Indicates a length of **2000mm** (2 meters). | | **Configuration (B)** | Often denotes a specific wiring pinout (e.g., Type B crossover or a specific shielding revision). | ### Key Electronic Characteristics 1. **Signal Integrity**: Designed for high-frequency data transmission. These cables often feature twisted-pair architecture to minimize electromagnetic interference (EMI). 2. **Shielding**: Usually features double shielding (Foil + Braiding) to protect signals from the "noise" generated by industrial machinery and motors. 3. **Gold-Plated Contacts**: The connectors typically use 30µ to 50µ gold plating to prevent oxidation and ensure low contact resistance over long periods. 4. **Impedance Matching**: Engineered to maintain a consistent 100-ohm impedance (standard for Ethernet-based industrial protocols) to prevent signal reflection. ### Application Use-Cases * **Robotics**: Connecting PLC (Programmable Logic Controllers) to robotic arm sensors. * **Machine Vision**: High-speed data transfer between industrial cameras and processing units. * **EtherCAT/Profinet**: Serving as the physical layer for real-time Ethernet protocols. --- ### Technical Specifications Summary ```json { "Part_Number": "Y-CONC-R626P-RJ6P-2000-B", "Type": "Industrial Data Cable", "Length": "2000mm", "Connectors": ["R626P", "RJ6P"], "Shielding": "S/FTP or SF/UTP", "Environment": "Industrial / IP-Rated" } ```
    ✨ Follow-up Questions
    • ⤷What is the specific pinout diagram for the R626P connector?
    • ⤷ Is this cable compatible with standard Cat6 Ethernet ports?
    • ⤷ What is the maximum data transfer rate supported by this assembly?