công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • Y-CONC-R626P-RJ2U-2000-B

  • AI
    The **Y-CONC-R626P-RJ2U-2000-B** is a specific industrial-grade RJ45 connector assembly, typically produced by manufacturers like **Yamaichi Electronics**. It is designed for high-reliability Ethernet connectivity in demanding environments. --- ### 1. Technical Specifications Overview This component belongs to a series of high-performance RJ45 jacks with integrated magnetics or specific shielding configurations. | Parameter | Specification Details | | :--- | :--- | | **Connector Type** | RJ45 (8P8C) | | **Mounting Type** | Through Hole / Right Angle | | **Shielding** | Fully Shielded (Metal Shell) | | **Performance Category** | Cat5e / Cat6 (Application dependent) | | **Orientation** | 90° (Right Angle) to the PCB | | **Gold Plating** | Usually 30µ" or 50µ" on contact areas | --- ### 2. Breakdown of the Part Number Logic While internal manufacturer codes vary, the suffix and prefix generally indicate the following electronic characteristics: * **Y-CON**: The product family (Yamaichi Connectivity solutions). * **R626P**: Refers to the specific mechanical housing profile and pin configuration. * **RJ2U**: Indicates a "2-Unit" or specific port density/stacking configuration (often used for dual-port or specific height requirements). * **2000**: Generally refers to the internal wiring scheme or the presence of integrated Magnetics (Transformers/Chokes). * **B**: Often denotes the packaging type (Tray/Bulk) or a specific revision of the plastic material (e.g., UL94V-0 rated). --- ### 3. Key Electronic Features #### A. Integrated Magnetics (MagJack) Most parts in this series are **MagJacks**. This means the connector contains: * **Isolation Transformers:** To protect the circuit from high-voltage surges on the network line. * **Common Mode Chokes:** To filter out Electromagnetic Interference (EMI) and ensure signal integrity. #### B. LED Indicators The "RJ2U" variants often include integrated LEDs (Green/Yellow) located on the front face. This allows for real-time status monitoring (Link/Activity) without needing separate PCB-mounted LEDs. #### C. Shielding and Grounding The outer metal shell features "EMI Tabs" or "Fingers." These create a low-impedance path to the chassis ground, which is critical for passing EMC (Electromagnetic Compatibility) testing in industrial settings. --- ### 4. Typical Applications * **Industrial PCs (IPCs):** For stable LAN connections. * **PLC Modules:** Programmable Logic Controllers in automation. * **Network Switches:** High-density port arrays. * **Medical Equipment:** Where galvanic isolation and noise reduction are mandatory.
    ✨ Follow-up Questions
    • ⤷Can you provide the pinout diagram for the R626P series?
    • ⤷ What is the operating temperature range for this specific connector?
    • ⤷ Is there a direct equivalent from TE Connectivity or Molex?