AI

The **Y-CONC-R626P-RJ2M-2000-A** is a high-performance industrial cable assembly, typically used in factory automation, robotics, and industrial networking. This specific part number refers to a **Y-Con** series product, which is a modular connector system developed by Yamaichi Electronics designed for harsh environments.
---
### Technical Specifications & Components
| Component | Specification | Description |
| :--- | :--- | :--- |
| **Connector Type A** | Y-Con Plug (RJ45 style) | Protected RJ45 connector with integrated power contacts. |
| **Connector Type B** | Y-Con Plug (RJ45 style) | Dual-ended assembly for point-to-point connection. |
| **Cable Length** | 2000mm (2 Meters) | The "2000" in the part number denotes the length in millimeters. |
| **Shielding** | S/FTP or SF/UTP | High-grade shielding to prevent EMI/RFI interference in noisy industrial sites. |
| **IP Rating** | IP20 (Standard) | Usually upgradable to IP67/68 when used with Y-Con hoods/housings. |
| **Data Rate** | Cat 5 / Cat 5e | Supports Ethernet speeds up to 100 Mbps or 1 Gbps. |
---
### Key Electronic Features
#### 1. Integrated Power Contacts
Unlike a standard consumer RJ45, the Y-Con system includes **additional power contacts**. This allows the cable to transmit both high-speed data and auxiliary power (up to 2.1A) without the need for a separate power cable, which is critical for driving industrial sensors or actuators.
#### 2. Vibration Resistance
The "R626P" series connectors feature a locking mechanism and robust housing materials designed to withstand the constant vibration of robotic arms and CNC machinery, preventing intermittent signal loss.
#### 3. Material Composition
* **Contacts:** Gold-plated copper alloy for maximum conductivity and corrosion resistance.
* **Jacket:** Typically PUR (Polyurethane) or PVC, chosen for resistance to oils, chemicals, and abrasion.
---
### Applications
* **Industrial Ethernet:** EtherCAT, PROFINET, and Modbus TCP/IP.
* **Robotics:** Connecting controllers to moving parts where flex-life is required.
* **Vision Systems:** Powering and transmitting data from industrial cameras.
---
- ⤷
What are the specific pinout configurations for the power contacts in this cable?
- ⤷ Is this cable rated for high-flex or robotic torsion applications?
- ⤷ What specific Y-Con IP67 housing is compatible with this cable assembly?