công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • Y-CONC-R426P-RJ6P-2000-B

  • AI
    The **Y-CONC-R426P-RJ6P-2000-B** is a specialized industrial cable assembly, typically used in high-precision motion control systems and factory automation. It serves as a bridge between high-density circular connectors and standard RJ45 networking interfaces. --- ### 1. Component Breakdown & Specifications The part number follows a specific nomenclature used by manufacturers (commonly associated with Yaskawa or similar industrial automation brands). | Feature | Specification | Description | | :--- | :--- | :--- | | **Connector A** | R426P (Circular) | A proprietary or industrial-grade circular plug, often with 4-6 pins. | | **Connector B** | RJ6P (RJ45) | A 6-pin or 8-pin RJ45 style modular connector. | | **Length** | 2000 | Indicates a cable length of **2000mm (2 Meters)**. | | **Type** | B | Usually denotes a specific wiring revision or shielding type. | | **Signal Type** | Digital/Data | Used for encoder feedback or communication protocols. | --- ### 2. Technical Features #### A. Shielding and Protection * **EMI/RFI Protection:** Because these cables operate near high-voltage motors, they are heavily shielded (Braided + Foil) to prevent electromagnetic interference from corrupting data. * **Outer Jacket:** Typically made of PVC or PUR (Polyurethane), designed to resist oil, chemicals, and abrasion in factory environments. #### B. Pin Configuration (Electronic Logic) The "R426P" to "RJ6P" conversion involves mapping specific signal pairs. While the exact pinout is proprietary to the equipment, it generally follows this logic: 1. **Differential Pairs:** Data is sent via differential signaling to minimize noise. 2. **Grounding:** The circular connector shell is usually bonded to the RJ45 shield to ensure a continuous ground path. --- ### 3. Primary Applications This cable is most commonly found in the following electronic systems: * **Servo Drives:** Connecting an absolute encoder to a motion controller. * **Industrial Ethernet:** Adapting rugged field sensors to a standard switch or PLC. * **Robotics:** Providing a reliable communication link in the "Base-to-Controller" umbilical of a 6-axis robot. --- ### 4. Cross-Reference Example (Pseudo-Code) If you were to define the signal mapping for this cable in a control system, it would look like this: ```yaml cable_assembly: id: Y-CONC-R426P-RJ6P-2000-B connections: - source: Circular_R426P pins: [1, 2, 3, 4, 5, 6] - destination: RJ45_6P pins: [1, 2, 3, 6, 4, 5] properties: length_mm: 2000 impedance: 100_ohms shielded: true ```
    ✨ Follow-up Questions
    • ⤷ What is the specific pinout diagram for the R426P connector?
    • ⤷ Is this cable rated for continuous flex or robotic arm movement?
    • ⤷ What are the compatible servo drive models for this specific cable?