công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • Y-CONC-R426P-RJ6M-2000-A

  • AI
    The **Y-CONC-R426P-RJ6M-2000-A** is a specific industrial-grade cable assembly, typically associated with high-speed data transmission and motion control systems (often used in Yaskawa or similar industrial automation environments). Below is a breakdown of the electronic and physical specifications for this part. --- ### 1. Component Overview This part is a **Y-Con** series industrial Ethernet cable assembly. It is designed to provide robust connectivity in environments where standard RJ45 connectors would fail due to vibration, EMI (Electromagnetic Interference), or mechanical stress. ### 2. Technical Specifications | Feature | Specification | | :--- | :--- | | **Connector Type A** | RJ45 (Y-Con Series) with IP20 or IP67 protection | | **Connector Type B** | RJ45 (Y-Con Series) | | **Cable Length** | 2000mm (2 Meters) | | **Shielding** | S/FTP or SF/UTP (Double Shielded) | | **Category** | Cat 5e (Optimized for EtherCAT / Profinet) | | **Material** | PUR (Polyurethane) Jacket - Oil and Flame resistant | | **Wiring** | 4-pole or 8-pole configuration (Part specific) | --- ### 3. Key Electronic Characteristics #### A. Signal Integrity and Shielding * **EMI Protection:** The cable features high-density braiding and foil shielding to prevent data loss in factory floors filled with high-voltage motors and drives. * **Data Rate:** Supports up to **100 Mbps** (Fast Ethernet), which is the standard for most industrial fieldbus protocols like EtherCAT or CC-Link IE Field Basic. #### B. Durability (Mechanical/Electrical) * **Flex Life:** Designed for "Drag Chain" applications, meaning the internal copper strands are fine-gauged to withstand millions of bending cycles without breaking continuity. * **Gold Plating:** The RJ45 contacts typically feature **30µ" to 50µ" gold plating** to prevent oxidation in humid or corrosive industrial atmospheres. #### C. Connector Features (Y-Con System) * **Integrated Power:** Some variations of the Y-Con system allow for additional power contacts (9th and 10th pins) integrated into the RJ45 housing, though the R426P variant focuses on the high-speed data link. --- ### 4. Typical Applications 1. **Servo Drive Connectivity:** Connecting a PLC to a Yaskawa Sigma-7 or similar servo drive. 2. **Industrial Ethernet:** Used in EtherCAT, Profinet, and Modbus TCP/IP networks. 3. **Robotics:** Wiring within robotic arms where constant movement is required.
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the R426P series?
    • ⤷ Can this cable be used in IP67 rated environments?
    • ⤷ How does PUR jacketing compare to PVC for industrial interference?