Y-CONC-R422M-RJ6P-2000-A
AI

The **Y-CONC-R422M-RJ6P-2000-A** is a specialized industrial cable assembly, typically associated with motion control systems and servo motor interfaces (often used in conjunction with Yaskawa or similar industrial automation hardware).
Below is a breakdown of its electronic and mechanical specifications.
### 1. Component Breakdown
| Feature | Specification Details |
| :--- | :--- |
| **Connector Type A** | Circular Industrial Connector (typically M-series or proprietary) |
| **Connector Type B** | RJ45 6-Pin (6P) or specialized data plug |
| **Cable Length** | 2000mm (2 Meters) |
| **Application** | Encoder feedback, serial communication, or sensor interfacing |
| **Shielding** | Foil and/or Braided shield for EMI/RFI protection |
---
### 2. Key Electronic Characteristics
#### A. Signal Integrity
As a cable designed for industrial environments, it focuses on high noise immunity. This is critical for **differential signals** (like RS-422/485) used in encoder feedback to ensure the controller receives accurate position data despite high-voltage motor interference.
#### B. Pin Configuration (RJ6P)
The "RJ6P" designation refers to a 6-pin modular-style connection. In the context of motion control:
* **Power:** Usually carries +5V or +24V to power an encoder or sensor.
* **Ground:** Common return path.
* **Data Pairs:** Differential pairs (A+/A-, B+/B-) for high-speed data transmission.
#### C. Durability and Rating
* **Voltage Rating:** Typically rated for low voltage (30V - 60V DC).
* **Temperature Range:** Often rated for -20°C to +80°C to withstand factory floor conditions.
* **Flex Life:** Usually designed for static or moderate bending applications (check if "High Flex" is specified for robotic arms).
---
### 3. Usage Context
This specific part number follows a nomenclature used for **Interface Cables**. It acts as a bridge between the **Servo Drive** (high-density connector) and the **Feedback Device** or **Network Hub**.
---
### 4. Technical Summary Table
| Part Segment | Meaning |
| :--- | :--- |
| **Y-CON** | Series designation (often related to Yamaichi or Yaskawa compatible) |
| **R422M** | Likely refers to RS-422 signal compatibility or M-series mating |
| **RJ6P** | Registered Jack 6-Pin interface |
| **2000** | Length in millimeters (2.0 Meters) |
| **A** | Revision or specific wiring pinout version |
- ⤷
What is the exact pinout diagram for the RS-422 differential pairs in this cable?
- ⤷ Is this cable rated for continuous flexing in a cable carrier/drag chain?
- ⤷ Which specific servo drive models are compatible with the Y-CONC series?