Y-CONC-R422M-RJ6M-2000-C
AI

The **Y-CONC-R422M-RJ6M-2000-C** is a specialized industrial networking cable assembly, typically produced by manufacturers like **Yamaichi Electronics**. It is designed for high-reliability Ethernet connectivity in harsh environments.
### 1. Technical Specification Overview
| Component | Specification |
| :--- | :--- |
| **Series** | Y-Con (Industrial RJ45) |
| **Connector A** | Y-Con RJ45 Plug (IP20/IP67 compatible) |
| **Connector B** | RJ45 Standard Plug |
| **Cable Length** | 2000mm (2 Meters) |
| **Shielding** | S/FTP or SF/UTP (Double Shielded) |
| **Category** | Cat 5e / Cat 6 (Application dependent) |
| **Outer Jacket** | PUR (Polyurethane) - Oil and UV resistant |
---
### 2. Breakdown of the Part Number
* **Y-CON**: Refers to the product family (Industrial RJ45 system).
* **R422M**: Indicates a specific connector configuration, often involving a metal-reinforced RJ45 housing for vibration resistance.
* **RJ6M**: Represents the secondary connector type (often a standard or industrial-grade RJ45 8P8C).
* **2000**: Specifies the length in millimeters (2.0 meters).
* **C**: Typically denotes a custom configuration or specific cable jacket color (usually Green for Industrial Ethernet/Profinet or Black).
---
### 3. Key Features and Applications
#### Electronic & Mechanical Features
* **High Shielding Effectiveness:** Designed to prevent EMI (Electromagnetic Interference) in factory floors near high-voltage machinery.
* **Vibration Resistance:** The Y-Con system features integrated locking mechanisms that exceed standard RJ45 friction fits.
* **Robust Jacket:** The PUR material is chosen for its ability to withstand constant flexing (drag chains) and exposure to industrial lubricants.
#### Common Applications
1. **Industrial Ethernet:** Connecting PLCs (Programmable Logic Controllers) to HMI panels.
2. **Machine Vision:** High-speed data transfer for industrial cameras.
3. **Robotics:** Used in cable tracks where flexibility and durability are required.
---
### 4. Wiring Diagram (Standard T568B)
| Pin | Wire Color | Function |
| :--- | :--- | :--- |
| 1 | White/Orange | Transmit+ |
| 2 | Orange | Transmit- |
| 3 | White/Green | Receive+ |
| 4 | Blue | Reserved |
| 5 | White/Blue | Reserved |
| 6 | Green | Receive- |
| 7 | White/Brown | Reserved |
| 8 | Brown | Reserved |
---
- ⤷What is the difference between the IP20 and IP67 versions of this connector?
- ⤷ Can this cable be used in high-flex drag chain applications?
- ⤷ What are the compatible mating sockets for the Y-CON-R422M?