AI

The **Y-CONC-R422M-RJ2M-2000-C** is a specialized industrial circular-to-RJ45 connection cable, typically used in high-speed data transmission environments such as industrial Ethernet, factory automation, and sensor networking.
Below is the detailed breakdown of its electronic and mechanical parts.
---
### 1. General Specifications
This part number describes a cable assembly with specific connectors and lengths.
| Feature | Specification |
| :--- | :--- |
| **Connector A** | M12 Circular Connector (4-pin, D-coded) |
| **Connector B** | RJ45 Standard Ethernet Connector |
| **Cable Length** | 2000mm (2 Meters) |
| **Data Rate** | Up to 100 Mbps (Fast Ethernet) |
| **Shielding** | S/FTP or SF/UTP (Double shielded) |
---
### 2. Breakdown of Electronic Parts
#### A. The M12 Connector (R422M)
The **M12 D-coded** connector is the industry standard for industrial Ethernet.
* **Pins:** 4 Pins.
* **Coding:** D-Code (specifically for Ethernet/Data).
* **Housing:** Usually nickel-plated brass or stainless steel to ensure electromagnetic compatibility (EMC).
* **Protection:** Rated for **IP67/IP68**, making it dust-tight and waterproof.
#### B. The RJ45 Connector (RJ2M)
The standard Ethernet interface used for connecting to switches, PLCs, or PCs.
* **Contacts:** Gold-plated phosphor bronze to prevent oxidation and ensure low contact resistance.
* **Housing:** Often features a "boot" or strain relief to prevent the clip from snapping in harsh environments.
#### C. The Cable Structure
The "2000" refers to the 2-meter length, but the internal construction is critical for signal integrity:
* **Conductors:** Usually 22 AWG or 24 AWG stranded tinned copper.
* **Shielding:** Integrated foil and copper braid shielding to protect data from **EMI (Electromagnetic Interference)** caused by industrial motors or high-voltage lines.
* **Jacket Material:** Typically **PUR (Polyurethane)** or **LSZH (Low Smoke Zero Halogen)**, providing resistance to oils, chemicals, and abrasion.
---
### 3. Pinout Configuration (M12 to RJ45)
For D-coded industrial Ethernet, the wiring typically follows this mapping:
| M12 Pin (D-Coded) | Signal | RJ45 Pin |
| :--- | :--- | :--- |
| 1 | Transmit + (TD+) | 1 (White/Orange) |
| 2 | Receive + (RD+) | 3 (White/Green) |
| 3 | Transmit - (TD-) | 2 (Orange) |
| 4 | Receive - (RD-) | 6 (Green) |
---
### 4. Typical Applications
* **Industrial Automation:** Connecting PLCs to sensors or HMIs.
* **Vision Systems:** Connecting industrial cameras to a local network.
* **Robotics:** Data transmission in high-flex environments where standard RJ45 cables would fail.
- ⤷
What is the difference between D-coded and X-coded M12 connectors?
- ⤷ Does this cable support Power over Ethernet (PoE)?
- ⤷ What is the IP rating of the RJ45 side compared to the M12 side?