Y-CONC-R422M-RJ2L-2000-B
AI

Based on the part number **Y-CONC-R422M-RJ2L-2000-B**, this component is a high-performance industrial cable assembly, typically associated with **Yaskawa** or similar motion control systems. It is used to connect encoders or motors to controllers/drives.
---
## Technical Specifications Breakdowns
The nomenclature of this part number generally decodes into specific physical and electrical characteristics:
### 1. General Identification
| Feature | Detail |
| :--- | :--- |
| **Component Type** | Industrial Cable Assembly (Encoder/Signal) |
| **Primary Use** | Feedback loop between Servo Drive and Motor |
| **Standard Length** | 2000mm (2 Meters) |
### 2. Physical Construction
| Part Segment | Description |
| :--- | :--- |
| **R422M** | Refers to the **RS-422** communication protocol (Differential signaling), optimized for high-speed data transmission and noise immunity. |
| **RJ2L** | Indicates the connector types. Usually a combination of an **RJ45** or specialized industrial rectangular connector on one end and a circular/miniature connector on the other. |
| **-2000** | Represents the cable length in millimeters (2000mm). |
| **-B** | Often denotes the revision level or a specific shielding/bending requirement (e.g., High-flex for robotic arms). |
---
## Electronic Characteristics
### Electrical Signal Integrity
* **Differential Signaling:** Uses RS-422 standards to transmit encoder pulses (A, B, Z phases). This ensures that even in environments with high electromagnetic interference (EMI), the signal remains clear.
* **Shielding:** Features a braided tinned copper shield to prevent crosstalk between high-voltage power lines and low-voltage signal lines.
### Mechanical Durability
* **Flex Life:** The "-B" suffix in these industrial codes often signifies "High-Flex" or "Bending" grade, meaning the internal copper strands are finer to allow for millions of cycles in a cable carrier/track.
* **Environmental Protection:** Typically rated for industrial environments with oil-resistant PVC or PUR jacketing.
---
## Typical Application Diagram
In a standard automation setup, this cable acts as the bridge:
1. **Encoder End:** Captures the rotational position of the motor.
2. **Cable (R422M):** Transmits the data over the 2-meter span.
3. **Controller End:** Plugs into the Servo Drive (e.g., Yaskawa Sigma Series) to close the feedback loop.
- ⤷
What is the pinout configuration for the RJ2L connector end?
- ⤷ Can this cable be used in a continuous-flex cable track environment?
- ⤷ Is there a 5-meter or 10-meter version of this specific cable available?