công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • Y-CONC-R40CU-RJCU-2000-B

  • AI
    The **Y-CONC-R40CU-RJCU-2000-B** is a high-performance industrial networking cable assembly, typically used in industrial automation, robotics, and Ethernet-based communication environments. Below is a detailed breakdown of its electronic and mechanical specifications. ### 1. General Specifications | Feature | Description | | :--- | :--- | | **Product Type** | Industrial RJ45 Ethernet Cable Assembly | | **Length** | 2000mm (2 Meters) | | **Connector A** | RJ45 Industrial IP20 (Plug) | | **Connector B** | RJ45 Industrial IP20 (Plug) | | **Category** | Cat5e / Cat6 (depending on specific revision) | --- ### 2. Physical & Material Composition The "Y-CON" series is specifically designed for harsh environments where standard commercial RJ45 connectors would fail. * **Conductors (CU):** The "CU" in the part number signifies **Copper** conductors, ensuring high conductivity and signal integrity. * **Shielding (S/FTP or SF/UTP):** These cables usually feature double shielding (braid and foil) to protect against Electromagnetic Interference (EMI) common in factory floors. * **Jacket Material:** Typically PUR (Polyurethane) or heavy-duty PVC, providing resistance to oils, chemicals, and abrasion. * **Strain Relief:** Integrated overmolded boots to prevent wire fatigue at the connection points. --- ### 3. Electrical Characteristics | Parameter | Value (Typical) | | :--- | :--- | | **Transmission Speed** | Up to 1 Gbps (Gigabit Ethernet) | | **Rated Voltage** | 30V - 50V AC/DC | | **Current Rating** | 1.0A to 2.1A per contact (Power over Ethernet capable) | | **Insulation Resistance** | > 500 MΩ | | **Operating Temperature** | -40°C to +80°C | --- ### 4. Key Applications This specific part is used in scenarios requiring high reliability: 1. **Industrial Ethernet:** Connecting PLCs (Programmable Logic Controllers) to HMIs or sensors. 2. **Robotics:** The cable is designed to withstand a degree of torsion and constant movement. 3. **Machine Vision:** High-speed data transfer for industrial cameras. --- ### 5. Part Number Breakdown (Interpretation) | Segment | Meaning | | :--- | :--- | | **Y-CON** | Yamaichi Electronics Industrial Series | | **R40** | Indicates the specific housing or frame style | | **CU** | Copper Conductor material | | **2000** | Length in millimeters (2 Meters) | | **B** | Revision code or specific black jacket color coding |
    ✨ Follow-up Questions
    • ⤷ What is the IP rating for the Y-CON series connectors?
    • ⤷ Does this cable support Power over Ethernet (PoE) standards?
    • ⤷ Are there specific mounting tools required for Y-CON field assembly?