công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • Y-CONC-R40CU-RJ6M-2000-C

  • AI
    The part number **Y-CONC-R40CU-RJ6M-2000-C** refers to a high-performance industrial networking cable assembly, typically used in automation, robotics, and machine vision environments. --- ### 1. Specification Overview This assembly is designed for high-flexibility applications where standard Ethernet cables would fail due to repeated mechanical stress. | Feature | Specification | | :--- | :--- | | **Connector A** | RJ45 (Male) with Screw-Lock/Molded Boot | | **Connector B** | RJ45 (Male) or Hirose Compatible | | **Cable Length** | 2000mm (2 Meters) | | **Cable Type** | Cat6 / Cat6a (High-Flex / Robotic Grade) | | **Shielding** | S/FTP or SF/UTP (Double Shielded) | | **Conductor Material** | Oxygen-Free Copper (OFC) | | **Jacket Material** | PUR (Polyurethane) or High-Flex PVC | --- ### 2. Breakdown of the Part Number Structure While exact nomenclature can vary by manufacturer (often associated with brands like **Yamaichi** or specialized vision cable providers), the segments generally break down as follows: * **Y-CONC**: Product Series (Industrial Connectivity). * **R40CU**: Refers to the internal copper conductor gauge and shielding type (likely 24-26 AWG stranded). * **RJ6M**: RJ45 Category 6 Male connector. * **2000**: The length in millimeters (2000mm = 2m). * **C**: Custom configuration or specific "Chain" (drag chain) rating. --- ### 3. Key Electronic & Physical Characteristics #### A. High-Flex Life Cycle Unlike standard patch leads, this cable is engineered for **C-Track (Drag Chain)** applications. It can typically withstand: * Over 5 to 10 million flex cycles. * Tight bending radii (often 10x the outer diameter). #### B. Signal Integrity (EMI/RFI Protection) Because it is used in industrial environments near high-voltage motors, it features: * **Braided Shielding:** Protects against low-frequency interference. * **Foil Shielding:** Protects against high-frequency interference. * **Twisted Pair Geometry:** Minimizes crosstalk to maintain Gigabit speeds. #### C. Environmental Resistance The "C" suffix often denotes a jacket suitable for harsh conditions, providing resistance to: * **Oil and Chemicals:** Common in machining centers. * **Abrasion:** Essential for moving robotic arms. * **Flame Retardancy:** Meeting UL standards. --- ### 4. Common Applications * **Machine Vision:** Connecting industrial cameras (GigE Vision) to controllers. * **Robotic Arms:** Routing data through joints that undergo constant rotation. * **CNC Machinery:** Communication between the HMI and the motor drives.
    ✨ Follow-up Questions
    • ⤷ What is the maximum data transfer rate supported by this cable?
    • ⤷ Is this cable compatible with GigE Vision camera standards?
    • ⤷ What is the minimum bend radius for the R40CU series?