công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • Y-CONC-R406P-RJ6P-2000-C

  • AI
    The part number **Y-CONC-R406P-RJ6P-2000-C** refers to a specific industrial cable assembly, typically used in automation, sensor technology, or telecommunications. While this specific nomenclature is often used by specialty manufacturers (like Y-Connect or regional industrial suppliers), we can break down the electronics and physical components based on the standard naming conventions of the industry. --- ### 1. Technical Specification Breakdown | Component Segment | Description | Specific Detail | | :--- | :--- | :--- | | **Series/Type** | Y-CONC | Industrial Circular/Connector Series | | **Connector A** | R406P | Likely an M8 or M12 4-Pin Circular Plug (Male) | | **Connector B** | RJ6P | RJ45 6-Pin (or 8P6C) modular connector | | **Length** | 2000 | 2000mm (2 Meters) | | **Shielding/Coating** | C | Shielded (Copper braid or foil) | --- ### 2. Key Electronic Components #### A. The Connectors * **Industrial Circular Interface (R406P):** Usually features gold-plated brass contacts to prevent corrosion and ensure low contact resistance. It is often rated for IP67/IP68, making it waterproof and dustproof. * **Modular Interface (RJ6P):** A registered jack (RJ) type. The "6P" indicates 6 positions are used, common in specialized data transmission or RS-232/RS-485 serial communication over Ethernet-style cabling. #### B. The Cable (The "2000" Segment) * **Conductor Material:** Multi-strand Oxygen-Free Copper (OFC) for high conductivity. * **Gauge:** Typically 24 AWG or 26 AWG. * **Jacket Material:** PVC (Standard) or PUR (Polyurethane). PUR is preferred in industrial settings because it is resistant to oil, abrasion, and constant flexing (drag chain compatible). #### C. Shielding and Signal Integrity * **EMI Protection:** The "C" suffix denotes shielding. This involves a drain wire and an aluminum-mylar foil or tinned copper braid. This is critical for preventing **Electromagnetic Interference (EMI)** in factory environments where high-voltage motors are present. --- ### 3. Application Use Cases This cable acts as a "bridge" between different hardware standards: 1. **PLC to Sensor:** Connecting a Programmable Logic Controller (via RJ45) to an industrial sensor (via M8/M12). 2. **Industrial Ethernet:** Adapting standard networking equipment to ruggedized field devices. 3. **Data Acquisition:** Routing signals from a modular hub to a specific machine port. --- ### 4. Schematic Representation (Simplified) ```text [ Circular 4-Pin ] <---- Shielded Twisted Pair ----> [ RJ45 6-Pin ] (Male/Plug) (2 Meter PUR Jacket) (Modular) Pin 1 ------------------------------------------- Pin 1 Pin 2 ------------------------------------------- Pin 2 Pin 3 ------------------------------------------- Pin 3 Pin 4 ------------------------------------------- Pin 4 Shield ------------------------------------------- Housing ```
    ✨ Follow-up Questions
    • ⤷ What are the voltage and current ratings for the R406P connector?
    • ⤷ Is this cable rated for high-flex drag chain applications?
    • ⤷ Can this cable be used for Cat5e or Cat6 data speeds?