công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • Y-CONC-R402M-RJ6M-2000-B

  • AI
    The **Y-CONC-R402M-RJ6M-2000-B** is a specific industrial cable assembly, typically produced by manufacturers like **Yamaichi Electronics**. It is designed for high-reliability Ethernet connectivity in harsh industrial environments. --- ### 1. Technical Specifications Breakdown The part number indicates a specific configuration of connectors and cable length. | Feature | Specification | | :--- | :--- | | **Connector A** | Y-ConPlug (Industrial RJ45) | | **Connector B** | Standard RJ45 or Y-Con Connector | | **Cable Length** | 2000mm (2 Meters) | | **Category** | Cat 5e / Industrial Ethernet | | **Shielding** | S/FTP or SF/UTP (Double shielded) | | **Protection Rating** | IP20 (Plug) / IP67 (when used with Y-Con housing) | --- ### 2. Key Electronic & Mechanical Components #### A. Y-Con Connector System Unlike standard plastic RJ45 clips found in offices, the **Y-Con** series used in this assembly features: * **Integrated Power:** Some variants include additional power contacts (9th and 10th pins) to carry DC power alongside data without interfering with the Ethernet pairs. * **Gold Plating:** High-performance gold plating on contacts to prevent oxidation in humid or corrosive environments. #### B. The Cable (Industrial Grade) The "2000" in the part number signifies the 2-meter length. The cable construction typically includes: * **Stranded Conductors:** Provides flexibility for installations where the cable might be bent or moved. * **EMI Shielding:** A combination of foil and braid shielding to protect data integrity from electromagnetic interference caused by nearby industrial motors or high-voltage lines. * **PUR/PVC Jacket:** The outer sheath is usually oil-resistant and flame-retardant. --- ### 3. Application Use Cases This specific assembly is utilized in environments where a standard patch cable would fail: 1. **Factory Automation:** Connecting PLCs (Programmable Logic Controllers) to HMIs. 2. **Machine Vision:** High-speed data transmission for industrial cameras. 3. **Robotics:** Where vibration resistance and secure locking mechanisms are required. --- ### 4. Wiring Diagram (Standard T568B) Most Y-Con assemblies follow the standard Ethernet pinout, though they are capable of proprietary configurations. ```text Pin 1: White/Orange (TX+) Pin 2: Orange (TX-) Pin 3: White/Green (RX+) Pin 4: Blue (Data) Pin 5: White/Blue (Data) Pin 6: Green (RX-) Pin 7: White/Brown (Data) Pin 8: Brown (Data) ```
    ✨ Follow-up Questions
    • ⤷ Does this cable support Power over Ethernet (PoE) standards?
    • ⤷ What is the specific IP rating of the Y-CONC-R402M series?
    • ⤷ Are there specific mounting tools required for the Y-Con housing?