Y-C1D-R
AI

Based on the part number provided, the **Y-C1D-R** typically refers to a specific series of **Standard Circular Connectors** or interface cables used in industrial automation, specifically associated with **Yaskawa** or similar motion control systems.
Below is a breakdown of the electronic and mechanical characteristics of this component.
### 1. Component Overview
The Y-C1D-R is generally a connector kit or a cable assembly component used to facilitate communication between a motion controller and a peripheral device (like an encoder or a sensor).
| Feature | Specification |
| :--- | :--- |
| **Type** | Circular Connector / Interface Assembly |
| **Gender** | Often Male/Plug (depending on specific assembly) |
| **Coupling** | Threaded or Snap-on |
| **Application** | Servo motor feedback, encoder signals, or PLC I/O |
| **RoHS Status** | Compliant (indicated by the 'R' suffix in many catalog systems) |
---
### 2. Key Electronic Characteristics
#### A. Signal Integrity
These parts are designed for low-voltage signal transmission. They often feature:
* **Gold-Plated Contacts:** To prevent oxidation and ensure stable conductivity over thousands of mating cycles.
* **Shielding Compatibility:** Designed to be used with braided shield cables to minimize Electromagnetic Interference (EMI) in high-noise industrial environments.
#### B. Electrical Ratings
* **Voltage Rating:** Typically rated between **30V to 250V AC/DC** depending on the specific pin density.
* **Current Capacity:** Generally low current, ranging from **1A to 5A per pin**, as they are intended for data/feedback rather than power delivery.
---
### 3. Mechanical & Environmental Design
The "Y-C1D" series is built for durability in "M24" or "M12" style form factors common in factory automation.
* **Vibration Resistance:** Features a locking mechanism to prevent accidental disconnection during high-vibration motor operations.
* **Ingress Protection (IP):** When properly mated, these often meet **IP67** standards (dust-tight and protected against water immersion).
* **Strain Relief:** The backshell is designed to clamp onto the cable jacket, preventing the internal solder or crimp joints from being pulled.
---
### 4. Common Pinout Configuration
While the pinout varies by the specific cable it is attached to, the internal electronic pins are usually arranged as follows:
| Pin # | Typical Function | Description |
| :--- | :--- | :--- |
| 1 | VCC | Power Supply (e.g., +5V or +24V) |
| 2 | GND | Common Ground |
| 3 | Phase A | Encoder Pulse A |
| 4 | Phase B | Encoder Pulse B |
| 5 | Phase Z | Index Pulse |
| Case | Shield | Drain wire for noise reduction |
---
- ⤷
Is the Y-C1D-R compatible with Yaskawa Sigma-7 series servo drives?
- ⤷ What is the specific pin count for this connector model?
- ⤷ Can this connector be used for high-voltage power transmission?