Y-3-R
AI

Based on common industrial and hobbyist electronic components, **Y-3-R** typically refers to a specific wiring or labeling convention often found in **3-wire sensors (Inductive/Photoelectric)** or **Addressable LED strips**.
Below is the breakdown of what these parts represent and their technical specifications.
---
## 1. Typical Wiring Convention
In many industrial sensors and LED controllers, "Y-3-R" signifies the color-coded pinout or wire identification.
| Label | Color | Common Function (Sensor) | Common Function (LED) |
| :--- | :--- | :--- | :--- |
| **Y** | Yellow | Signal Output (Pulse/Data) | Data Signal (DI) |
| **3** | (Refers to 3-wire) | Ground (Common) | Power Negative (GND) |
| **R** | Red | Positive Voltage (VCC) | Positive Voltage (+5V/12V) |
---
## 2. Component Types
Most parts labeled with a Y-3-R naming scheme fall into these two categories:
### A. Inductive Proximity Sensors
Commonly used in 3D printers and automation.
* **Operating Voltage:** 6V - 36V DC.
* **Output Type:** NPN or PNP (Normally Open/Closed).
* **Detection Range:** 2mm to 10mm typically.
### B. Addressable RGB LED Strips
Often seen in DIY electronics (like WS2812B modules).
* **Logic:** Digital signal control.
* **Structure:** Integrated IC within the LED housing.
* **Wiring:** Requires a microcontroller (Arduino/ESP32) to send data via the **Yellow** line.
---
## 3. Technical Parameters
If you are integrating a Y-3-R component into a circuit, refer to these standard values:
```cpp
// Example: Basic Arduino Setup for a 3-wire sensor
const int signalPin = 2; // Yellow wire connected here
void setup() {
pinMode(signalPin, INPUT_PULLUP);
Serial.begin(9600);
}
void loop() {
int sensorState = digitalRead(signalPin);
Serial.println(sensorState);
delay(100);
}
```
---
## 4. Troubleshooting Guide
If the part is not functioning, check the following:
1. **Voltage Matching:** Ensure the Red wire (R) is receiving the exact voltage specified (e.g., don't put 12V into a 5V LED).
2. **Logic Level:** If using a Yellow signal wire with a 3.3V microcontroller, you may need a logic level shifter.
3. **Common Ground:** The "3" or Ground wire must be shared with the controller's ground.
- ⤷
Are you referring to a specific brand of sensor like Omron or Autonics?
- ⤷ What is the specific voltage rating labeled on your Y-3-R component?
- ⤷ Do you need a circuit diagram for connecting this part to a microcontroller?