XU-Z1Z1-R
AI

The **XU-Z1Z1-R** refers to a high-speed, 10Gbps SFP+ (Small Form-factor Pluggable) Direct Attach Cable (DAC). Specifically, this part number is commonly associated with Cisco-compatible or generic active/passive twinaxial copper cabling used in data centers.
Below is a breakdown of the electronic components and technical specifications of this part.
---
### 1. Technical Specifications
This part is designed for short-range high-bandwidth connectivity, typically between switches, routers, and servers.
| Feature | Specification |
| :--- | :--- |
| **Data Rate** | 10 Gbps (Gigabit per second) |
| **Connector Type** | SFP+ to SFP+ |
| **Cable Type** | Twinaxial (Twinax) Copper |
| **Impedance** | 100 Ohms |
| **Voltage** | 3.3V |
| **Temperature Range** | 0°C to 70°C (Commercial Grade) |
---
### 2. Key Electronic Components
The "parts" inside the connector housing are what facilitate the high-speed data transfer:
* **EEPROM Chip:** Every SFP+ head contains an I2C-accessible EEPROM. This chip stores the "Signature" or "Vendor Code" (e.g., compatibility data, serial number, and part number). This allows the switch to recognize the cable.
* **Signal Drivers/Equalizers:**
* *Passive:* Contains only the wire and basic PCB mapping.
* *Active (R-suffix often implies Active):* Contains signal boosting circuitry to overcome attenuation over longer copper distances.
* **PCBA (Printed Circuit Board Assembly):** A small PCB inside the zinc die-cast housing that manages the transition from the twinax wire pairs to the gold-finger SFP+ interface.
---
### 3. Pinout Configuration
The SFP+ interface uses a standard 20-pin gold-finger connector. The primary electronic signals are:
1. **VeeT/VeeR:** Common Ground.
2. **TD+ / TD-:** Transmitter Differential Pair (High-speed data).
3. **RD+ / RD-:** Receiver Differential Pair (High-speed data).
4. **SDA/SCL:** 2-wire serial interface for management and identification.
5. **Tx_Disable:** Electronic signal to turn off the transmission.
---
### 4. Implementation Example
```python
# Conceptual representation of reading the EEPROM data via I2C
def get_sfp_info(bus_address):
# Standard SFP address is usually 0x50
eeprom_data = i2c.read_block(bus_address, 0, 128)
vendor_name = eeprom_data[20:36]
part_number = eeprom_data[40:56]
return f"Detected: {vendor_name.strip()} - {part_number.strip()}"
# Result would identify the XU-Z1Z1-R hardware
```
- ⤷
What is the maximum cable length supported by the XU-Z1Z1-R?
- ⤷ Is this cable compatible with 1Gbps SFP ports?
- ⤷ Does this part number refer to a passive or active copper assembly?