AI

## Overview of the XR79110EVB
The **XR79110EVB** is the evaluation board for the **XR79110**, a 10A synchronous step-down Power Module. This board is designed to demonstrate the performance of MaxLinear’s (formerly Exar) power management technology, which integrates the controller, drivers, bootstrap diode/capacitor, and MOSFETs into a single package.
---
### Core Electronic Components
The evaluation board consists of several critical categories of components that facilitate high-efficiency power conversion:
| Component Type | Description | Function |
| :--- | :--- | :--- |
| **Integrated Module** | XR79110 Power Module | Contains the PWM controller, MOSFETs, and inductor. |
| **Input Capacitors** | Bulk Electrolytic & Ceramic | Filters input noise and provides energy storage for switching. |
| **Output Capacitors** | Low ESR Ceramic | Reduces output voltage ripple and handles load transients. |
| **Programming Resistors** | SMD Resistors (e.g., $R_{FB}$, $R_{TON}$) | Sets output voltage, switching frequency, and current limit. |
| **Soft-Start Cap** | $C_{SS}$ Ceramic Capacitor | Controls the ramp-up time of the output voltage to prevent inrush. |
---
### Key Functional Circuits
#### 1. The Power Stage
The heart of the board is the XR79110 module. Unlike traditional buck converters, the **inductor** is internal to the module, which simplifies PCB layout and reduces Electromagnetic Interference (EMI).
#### 2. Feedback Loop ($V_{OUT}$ Setting)
The output voltage is determined by a resistor divider network.
- **Formula:** $V_{OUT} = 0.6V \times (1 + \frac{R_1}{R_2})$
- By swapping these resistors on the EVB, users can adjust the output from **0.6V to 5.5V**.
#### 3. Constant On-Time (COT) Control
The EVB utilizes a **Patented COT control engine**. It provides:
* Fast transient response.
* No loop compensation required (simplifies design).
* Pseudo-fixed frequency operation.
---
### Technical Specifications (Board Level)
| Feature | Value / Range |
| :--- | :--- |
| **Input Voltage ($V_{IN}$)** | 4.5V to 22V |
| **Output Current ($I_{OUT}$)** | Up to 10A |
| **Switching Frequency** | 400kHz to 800kHz |
| **Efficiency** | Up to 93% |
| **Protection** | OCP, OTP, UVLO, and Short-circuit |
---
### Typical Application Schematic Layout
```mermaid
graph LR
Vin[Vin: 4.5V-22V] --> Cin[Input Caps]
Cin --> Module[XR79110 Module]
Module --> Cout[Output Caps]
Cout --> Vout[Vout: 0.6V-5.5V]
Module -.-> FB[Feedback Resistors]
FB -.-> Module
```
---
- ⤷
How do I calculate the specific resistor values for a 3.3V output on this board?
- ⤷ What are the thermal management requirements for the XR79110 at full 10A load?
- ⤷ Can this evaluation board be synchronized to an external clock?