công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • XHS35F-75-R2-FS-XPROGA

  • AI
    The **XHS35F-75-R2-FS-XPROGA** is a high-performance **Incremental Optical Encoder** manufactured by BEI Sensors (Sensata Technologies). It is part of the XHS35 series, designed specifically for heavy-duty industrial applications, particularly for feedback on large motor shafts. --- ### 1. Part Number Breakdown & Technical Specifications | Feature | Specification | Description | | :--- | :--- | :--- | | **Series** | XHS35 | Heavy Duty, 3.5-inch diameter housing | | **Shaft Style** | F | Hollow Shaft (Hollow Bore) | | **Bore Size** | 75 | 0.75-inch diameter bore | | **Output Type** | R2 | Differential Line Driver (typically 5-28V in/out) | | **Mechanical** | FS | Flex Mount (Stator coupling for mounting) | | **Programming** | XPROGA | Field Programmable (Resolution/Index/Output) | --- ### 2. Core Electronic Components The device functions through a combination of optical and electronic sub-systems: #### A. Optical Engine * **LED Source:** High-reliability Infrared LED. * **Code Disc:** A high-precision disc with radial lines. As the shaft rotates, the disc interrupts the light beam. * **Photodetector Array:** An Integrated Circuit (IC) that converts light pulses into electrical signals. #### B. Field Programmable Logic (XPROG) This specific model features **XPROG** technology, which is its most significant electronic feature. * **Programmable Resolution:** Unlike fixed encoders, the PPR (Pulses Per Revolution) can be programmed to any value between 1 and 16,384. * **Internal Microcontroller/EEPROM:** Stores the configuration settings, allowing the user to change pulse counts or output levels via a programming tool. #### C. Output Electronics (R2 - Differential Line Driver) * **Signal Channels:** Provides A, B, and Z (Index) channels, along with their complements (A/, B/, Z/). * **Noise Immunity:** The differential output uses **RS-422** standards, which cancels out common-mode electromagnetic interference (EMI)—essential for long cable runs in industrial environments. * **Voltage Range:** Operates on a wide supply voltage (typically 5V to 28V DC). --- ### 3. Key Electronic Protection Features * **Reverse Polarity Protection:** Prevents damage if the power supply wires are connected backwards. * **Short Circuit Protection:** The output drivers are designed to withstand temporary short circuits to ground or power. * **Internal Shielding:** The electronics are housed in a rugged enclosure to protect against Electrostatic Discharge (ESD). --- ### 4. Application Context Because of its **hollow shaft** design and **programmable** nature, it is electronically used for: * Speed feedback in AC/DC motors. * Positioning in cranes and heavy lifting equipment. * Retrofitting machinery where the exact pulse count requirements might change.
    ✨ Follow-up Questions
    • ⤷ How do you program the PPR on an XPROGA series encoder?
    • ⤷ What is the difference between a hollow shaft and a through-shaft encoder?
    • ⤷ What cable type is recommended for the R2 differential line driver output?