công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • XHS35F-62-R2-SS-XPROGAB

  • AI
    The **XHS35F-62-R2-SS-XPROGAB** is a high-performance industrial rotary encoder typically manufactured by BEI Sensors (Sensata Technologies). It is designed for heavy-duty feedback in motion control systems. ### 1. Part Number Breakdown Based on standard BEI nomenclature, here is the technical breakdown of the model string: | Segment | Code | Description | | :--- | :--- | :--- | | **Series** | `XHS35` | Explosion-proof (ATEX) Hollow Shaft 3.5" Diameter Encoder. | | **Shaft** | `F` | Flex mount (tether) or specific shaft configuration. | | **Bore Size**| `62` | Refers to a 5/8" (0.625 inch) hollow shaft diameter. | | **Output** | `R2` | Standard dual output or specific electrical interface. | | **Material** | `SS` | Stainless Steel housing/construction (for corrosive environments). | | **Interface** | `XPROG` | **Programmable Encoder.** Allows the user to configure resolution (PPR). | | **Connector**| `AB` | Specific pinout or connector type (often MS-style or M23). | --- ### 2. Key Technical Specifications This device is an **Incremental Encoder**, used to track the speed and position of rotating machinery. * **Programmability:** The `XPROG` designation means the pulses per revolution (PPR) can be programmed electronically (typically from 1 to 65,536 PPR), reducing inventory needs for different machines. * **Mechanical Strength:** Built with a 3.5-inch diameter frame, it is designed to withstand high radial and axial loads. * **Hazardous Ratings:** The "X" prefix generally indicates ATEX, IECEx, or North American Class/Division ratings for explosive atmospheres. * **Electrical Interface:** Usually supports a wide voltage range (5V to 30V DC) and provides TTL/RS422 or HTL (Push-Pull) output signals. --- ### 3. Electronic Architecture The internal circuitry consists of three primary stages: 1. **Optical/Magnetic Sensing:** An internal disk and sensor array generate raw analog sine/cosine signals. 2. **Signal Processing (XPROG):** An internal ASIC or FPGA interpolates these signals to reach the user-defined resolution. 3. **Output Drivers:** High-power line drivers protect against short circuits and reverse polarity while ensuring signal integrity over long cable runs. --- ### 4. Common Applications * **Oil & Gas:** Draw-works or mud pump monitoring. * **Marine:** Winch control and deck machinery. * **Steel Mills:** Heavy-duty motor feedback in high-temperature or corrosive areas. * **Paper/Pulp:** Large roll-to-roll processing equipment.
    ✨ Follow-up Questions
    • ⤷ How do I program the PPR on an XPROG encoder?
    • ⤷ What are the wiring pinouts for the AB connector type?
    • ⤷ What is the difference between an incremental and an absolute encoder in this series?