công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • XHS35F-50-R2-FS-XPROGAZ

  • AI
    The **XHS35F-50-R2-FS-XPROGAZ** is a specialized industrial incremental encoder, typically manufactured by BEI Sensors (Sensata Technologies). This specific model belongs to the XHS35 series, which is designed for heavy-duty applications requiring high precision and environmental resistance. --- ### 1. Technical Specifications Breakdown The part number can be decoded to understand its specific electronic and mechanical characteristics: | Feature | Specification | Description | | :--- | :--- | :--- | | **Series** | XHS35 | Heavy-duty Hollow Shaft encoder (3.5-inch diameter). | | **Shaft Diameter** | F-50 | 1/2 inch (0.50") Bore/Hollow shaft. | | **Mounting** | R2 | Rear-tether mounting configuration for stability. | | **Seal Type** | FS | Food Grade / Special Seal (often indicates IP66/67 protection). | | **Output Type** | XPROGAZ | Programmable electronics (High-performance output). | --- ### 2. Electronic Components & Features This device converts mechanical rotation into electrical pulses. Its internal electronics are characterized by: * **Programmable Resolution:** The "XPROGAZ" designation often implies the pulses per revolution (PPR) can be factory or field-set, typically ranging from 1 to 65,536 PPR. * **Dual Output Drivers:** Usually equipped with differential line drivers (RS422 compatible). This allows for long cable runs while minimizing electromagnetic interference (EMI). * **Supply Voltage:** Generally operates on a wide range, typically **5V to 30V DC**, making it compatible with both TTL and HTL logic levels. * **Protection Circuitry:** Includes reverse polarity protection and short-circuit protection on the output leads to prevent damage during installation. --- ### 3. Connection Interface Typically, these units use a high-reliability connector or a shielded cable exit. The standard wiring logic for a differential output is as follows: ```yaml Signal_A: Phase A pulse Signal_A_Not: Complementary A (for noise cancellation) Signal_B: Phase B pulse (90° offset from A for direction) Signal_B_Not: Complementary B Signal_Z: Index pulse (Reference mark) Signal_Z_Not: Complementary Index ``` --- ### 4. Applications Due to its rugged "XHS" (Explosion-proof or Heavy Duty) lineage, it is used in: * **Oil and Gas:** Monitoring drill speed or winch position. * **Material Handling:** Conveyor synchronization. * **Food & Beverage:** Using the "FS" seal to withstand washdown environments. ---
    ✨ Follow-up Questions
    • ⤷ How do I calibrate or program the PPR on an XPROGAZ model?
    • ⤷ What are the specific environmental ratings (IP) for the FS-seal version?
    • ⤷ Can this encoder be used in hazardous or explosive atmospheres?