AI

The **XHS35F-50-R2-FS-XPROGABZ** is a high-performance, heavy-duty incremental hollow-shaft encoder manufactured by BEI Sensors (Sensata Technologies). It is designed for industrial feedback systems, particularly in environments requiring high durability and precision.
---
### 1. Key Technical Specifications
The part number can be decoded to understand its core electronic and mechanical characteristics:
| Specification | Details |
| :--- | :--- |
| **Model Series** | XHS35 (Extreme Duty Hollow Shaft, 3.5" diameter) |
| **Shaft Diameter** | 50 (Standard 1/2" or Metric equivalents depending on sub-series) |
| **Mechanical Mounting** | R2 (Tethered mounting / specific anti-rotation arm) |
| **Sealing** | FS (Standard IP66 / IP67 sealing for washdown environments) |
| **Output Type** | XPROG (Programmable Electronic Interface) |
| **Signal Channels** | ABZ (Quadrature channels A and B, plus Index Z) |
---
### 2. Electronic Components & Features
#### A. Programmable Output (XPROG)
Unlike fixed-resolution encoders, the **XPROG** electronics allow the user to program the pulses per revolution (PPR). This provides flexibility in inventory management and system tuning.
* **Resolution Range:** Typically programmable from 1 to 65,536 PPR.
* **Signal Level:** Supports a wide voltage range (typically 5V to 30V DC), making it compatible with TTL, RS422, and HTL logic.
#### B. Output Driver Circuitry
The device utilizes a **Universal Differential Line Driver**. This is critical for industrial electronics because:
* **Noise Immunity:** Differential signaling (A, A-not, B, B-not, Z, Z-not) cancels out electromagnetic interference (EMI) over long cable runs.
* **Reverse Polarity Protection:** The internal circuitry is protected against accidental wiring errors.
* **Short Circuit Protection:** Most XPROG versions include protection against output short circuits.
#### C. Optical Sensing Technology
The encoder uses a non-contact optical sensing method consisting of:
* **LED Source:** An infrared LED that passes light through a code disc.
* **Code Disc:** A high-precision metal or plastic disc that interrupts the light beam to create pulses.
* **Photodetector ASIC:** An Application-Specific Integrated Circuit that converts light pulses into electrical square waves.
---
### 3. Connection and Wiring
The electronic interface usually terminates in a heavy-duty connector (like an M12 or MS-style) or a shielded cable.
```text
Typical Wiring Pinout (Reference only):
Pin A: Channel A
Pin B: Channel B
Pin C: Channel Z (Index)
Pin D: Vcc (Supply Voltage 5-30V)
Pin E: Common (Ground)
Pin F: Case Ground
Pin G: Channel A-not (Inverse)
Pin H: Channel B-not (Inverse)
Pin I: Channel Z-not (Inverse)
```
---
### 4. Industrial Applications
Due to its rugged "X-series" design, these electronics are found in:
1. **Steel Mills & Paper Mills:** Where vibration and heat are constant.
2. **Motor Feedback:** Used on large AC/DC motors for precise speed control.
3. **Crane & Hoist Systems:** Monitoring position and load movement.
---
- ⤷
How do I program the PPR settings for an XPROG encoder?
- ⤷ What are the specific environmental protection ratings (IP ratings) for the XHS35F?
- ⤷ What is the maximum frequency response of the XPROG electronic interface?