công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • XHS35F-50-R2-FS-EPROGABZ

  • AI
    ### XHS35F-50-R2-FS-EPROGABZ: Technical Overview The **XHS35F-50-R2-FS-EPROGABZ** is a high-performance **incremental optical encoder** manufactured by BEI Sensors (Sensata Technologies). It is specifically designed for hazardous environments and heavy-duty industrial applications, such as oil and gas, mining, and large motor feedback. --- ### Core Technical Specifications | Feature | Specification | | :--- | :--- | | **Encoder Type** | Incremental Optical | | **Shaft Style** | Hollow Shaft (35mm diameter) | | **Resolution** | 50 PPR (Pulses Per Revolution) | | **Output Type** | EPROG (Programmable Electronic Output) | | **Signal Channels** | ABZ (Channel A, Channel B, and Index Z) | | **Housing Diameter** | 3.5 Inches | | **Safety Rating** | Functional Safety (FS) certified | --- ### Electronic Components & Functionality #### 1. The Sensing Element (Optical) Inside the housing, an LED light source shines through a code disc (etched with 50 lines). A photodetector array captures the light breaks, converting mechanical rotation into electrical pulses. #### 2. The EPROG Output Circuitry The "EPROG" designation refers to the electronic driver. * **Programmability:** This indicates the electronics are designed to be versatile, often allowing for adjustable output levels or configurations during manufacturing. * **Line Driver:** It typically utilizes a differential line driver (like the RS-422 standard). This ensures the signal can travel long distances without being corrupted by electromagnetic interference (EMI). #### 3. Signal Configuration (ABZ) The unit outputs three primary signals: * **A and B:** These are two square waves offset by 90 electrical degrees (quadrature). This allows the controller to determine both **speed** and **direction**. * **Z (Index):** A single pulse per revolution used to establish a reference point or "home" position. #### 4. Safety & Protection (FS) The **FS** suffix indicates "Functional Safety." The internal electronics are designed with redundancy or self-diagnostic features to meet SIL (Safety Integrity Level) standards. This ensures that if the electronic component fails, it fails in a "safe" state that the control system can detect. --- ### Wiring and Interface While specific pinouts vary by connector type (usually an M23 or MS-style connector), the electronic interface follows this general logic: ```c // Standard ABZ Differential Output Logic Signal A (+) <--> Signal A' (-) Signal B (+) <--> Signal B' (-) Signal Z (+) <--> Signal Z' (-) Vcc (Supply) <--> 0V (Ground) ``` --- ### Key Applications * **Heavy Duty Motors:** Used for speed feedback in large AC/DC motors. * **Hazardous Locations:** The "X" in the prefix often denotes explosion-proof or flame-proof housing ratings (ATEX/IECEx). * **Precision Positioning:** Even at a low 50 PPR, the quadrature signals allow for basic positioning tasks in high-torque machinery.
    ✨ Follow-up Questions
    • ⤷What is the supply voltage range for the EPROG output driver?
    • ⤷ Does this model support ATEX or IECEx certifications for hazardous areas?
    • ⤷ Can the PPR be reprogrammed by the end-user
    • ⤷ or is it factory-set?