công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • XHS35F-50-R2-FS-EPROGA

  • AI
    The **XHS35F-50-R2-FS-EPROGA** is a heavy-duty, hollow-shaft incremental optical encoder manufactured by **Sensata | BEI Sensors**. It is specifically designed for industrial environments where high durability and electrical noise immunity are required. --- ## 1. Technical Breakdown of the Part Number The part number follows a specific nomenclature that defines its electronic and physical characteristics: | Component | Code | Description | | :--- | :--- | :--- | | **Series** | **XHS35** | Explostion Proof / Heavy Duty 3.5" diameter housing. | | **Shaft Style** | **F** | Hollow shaft (clamped to the motor shaft). | | **Bore Size** | **50** | 1/2-inch (0.50") diameter bore. | | **Mounting** | **R2** | Rear-set tether (flexible mounting bracket). | | **Electrical** | **FS** | Field Selectable (Programmable) options. | | **Output** | **EPROGA** | **Electronic Programmable** - Allows user-defined resolution. | --- ## 2. Key Electronic Features ### A. Programmable Resolution (EPROGA) Unlike standard encoders with a fixed Pulse Per Revolution (PPR), the **EPROGA** electronics allow the user to program the resolution. * **Flexibility:** You can set the PPR to any integer value (typically up to 16,384 or higher depending on the specific chip version). * **Reduced Inventory:** One unit can replace multiple fixed-PPR encoders. ### B. Output Signaling The electronics utilize **Differential Line Drivers** (typically RS-422 compliant). This provides: * **Noise Immunity:** Uses complementary signals (A, A-not, B, B-not, Z, Z-not) to cancel out electromagnetic interference (EMI). * **Long Cable Runs:** Capable of driving signals over long distances without significant degradation. ### C. Input Voltage & Protection * **Voltage Range:** Usually supports a wide range, often **5V to 28V DC**. * **Reverse Polarity Protection:** Prevents damage if the power leads are accidentally swapped. * **Short Circuit Protection:** Protects the output stages from wiring errors. --- ## 3. Specifications Summary | Feature | Specification | | :--- | :--- | | **Pulse Per Revolution (PPR)** | Programmable (1 to 16,384) | | **Supply Voltage** | 5 to 28 VDC | | **Output Format** | Incremental (A, B, Z Index) | | **Electrical Connector** | Usually 10-pin MS-style or M12 (varies by sub-option) | | **Frequency Response** | Up to 300 kHz | | **Current Consumption** | ~100 mA maximum | --- ## 4. Typical Applications Due to its rugged electronic design and "Explosion Proof" (X-Series) heritage, this part is commonly used in: * **Oil and Gas:** For rotary tables or draw-works. * **Steel Mills:** High-vibration motor feedback. * **Pulp and Paper:** Large motor speed control. * **Material Handling:** Conveyor systems requiring specific, non-standard resolutions.
    ✨ Follow-up Questions
    • ⤷ How do you program the PPR on an EPROGA encoder?
    • ⤷ What are the advantages of a hollow shaft vs. a solid shaft in this model?
    • ⤷ Is this encoder ATEX or IECEx certified for hazardous locations?