công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • XHS35F-100-R2-SS-EPROGAB

  • AI
    The **XHS35F-100-R2-SS-EPROGAB** is a high-performance, programmable optical incremental encoder manufactured by **BEI Sensors** (now part of Sensata Technologies). This specific model belongs to the XHS35 series, designed for heavy-duty industrial environments. --- ### 1. Breakdown of the Part Number To understand the electronic and mechanical capabilities, we must decode the suffix: | Code Segment | Description | Details | | :--- | :--- | :--- | | **XHS35** | Series Base | Hollow shaft, 3.5-inch diameter housing. | | **F** | Mounting | Flex mount (tether) for motor integration. | | **100** | Shaft Diameter | 1.00 inch bore (hollow shaft). | | **R2** | Seals | Double shaft seals (IP65/IP66 rated). | | **SS** | Shaft Material | Stainless Steel shaft for corrosion resistance. | | **EPROG** | Output Logic | **Electronic Programmable** (User-configurable). | | **AB** | Connection | Radial connector (M23 or similar industrial plug). | --- ### 2. Key Electronic Specifications The "EPROG" designation indicates that the internal electronics are versatile and can be configured post-manufacture. #### A. Programmable Resolution (PPR) Unlike standard encoders with a fixed pulse count, this unit allows the user to program the **Pulses Per Revolution (PPR)**. * **Range:** Typically programmable from 1 to 65,536 PPR. * **Benefit:** Reduces inventory by allowing one part to serve multiple application requirements. #### B. Output Circuits The device typically supports universal electronic interfaces: * **Driver Types:** Push-Pull (HTL) or Differential Line Driver (TTL/RS422). * **Voltage Range:** 5V to 30V DC (wide range input). * **Channels:** A, B, and Z (Index pulse) plus their inverted complements (/A, /B, /Z) for noise immunity. #### C. Protection Circuitry * **Reverse Polarity:** Protects the encoder if the power supply wires are crossed. * **Short Circuit Protection:** Safeguards the output drivers against wiring faults. * **ESD/EMC:** High immunity to electrical noise common in large motor environments. --- ### 3. Mechanical & Environmental Interface | Feature | Specification | | :--- | :--- | | **Housing Material** | Powder-coated Aluminum | | **Ingress Protection** | IP66 (Dust-tight and protected against powerful water jets) | | **Max Speed** | Up to 6,000 RPM (Limited by seals) | | **Operating Temp** | -40°C to +100°C | --- ### 4. Typical Applications Due to its rugged construction and programmable nature, this encoder is commonly found in: 1. **Oil & Gas:** Drawworks and top drive feedback. 2. **Steel Mills:** Heavy-duty rollers and conveyors. 3. **Industrial Motors:** Large AC/DC motor feedback where shaft grounding or high vibration is present.
    ✨ Follow-up Questions
    • ⤷ What software or hardware tool is required to program the PPR on the EPROG series?
    • ⤷ What is the specific pinout for the Radial AB connector on this model?
    • ⤷ How does the SS (Stainless Steel) shaft option impact the encoder's lifespan in corrosive environments?