XHS35F-100-R2-FS-XPROGA
AI

The **XHS35F-100-R2-FS-XPROGA** is a high-performance hollow-shaft incremental encoder manufactured by **BEI Sensors (Sensata)**. This specific series is known for its ruggedness and versatility in industrial environments.
---
### 1. Part Number Breakdown & Specifications
The alphanumeric code describes the specific electronic and mechanical configuration of the device:
| Segment | Code | Description |
| :--- | :--- | :--- |
| **Model Series** | XHS35 | Extra Heavy Duty Hollow Shaft (3.5" diameter housing). |
| **Bore Size** | F | 1-inch diameter hollow shaft with a flex mount. |
| **Resolution** | 100 | 100 Cycles Per Revolution (CPR). |
| **Connection** | R2 | M12 radial connector or specific radial lead exit. |
| **Output Type** | FS | Differential Line Driver (5V to 28V logic depending on supply). |
| **Electronics** | XPROGA | Programmable output electronics/features. |
---
### 2. Key Electronic Features
#### A. Programmable Electronics (XPROGA)
The "XPROGA" suffix indicates that the encoder utilizes programmable internal logic. This allows for:
* **Resolution Flexibility:** While the base might be set to 100 CPR, the internal electronics can often be factory-scaled or configured for specific pulse counts.
* **Universal Voltage:** Typically supports a wide range of input voltages (e.g., 5VDC to 28VDC), making it compatible with various PLC and controller inputs.
#### B. Differential Line Driver (FS)
The encoder uses a differential output (RS-422 compatible). This provides high noise immunity because:
* It transmits a signal and its complement (A and A-not, B and B-not, Z and Z-not).
* Any electrical noise picked up along the cable is cancelled out at the receiving end (Common Mode Rejection).
#### C. Protection Circuits
Industrial encoders like the XHS35F include built-in electronic protection:
* **Reverse Polarity Protection:** Prevents damage if the power supply wires are accidentally swapped.
* **Short Circuit Protection:** Safeguards the output drivers if the signal wires touch a ground or power line.
---
### 3. Application Use Cases
Due to its heavy-duty design and electronic precision, it is commonly used in:
1. **Motor Feedback:** Monitoring the speed and position of large AC/DC motors.
2. **Material Handling:** Conveyor synchronization and sorting systems.
3. **Oil & Gas:** Drawworks and harsh environment motion control.
---
### 4. Technical Summary Table
| Attribute | Specification |
| :--- | :--- |
| **Supply Voltage** | 5V to 28V DC |
| **Max Frequency** | Up to 100 kHz - 300 kHz (varies by config) |
| **Current Consumption** | ~100mA max |
| **Output Format** | Incremental (A, B, Z Index) |
| **Sealing** | IP65 or IP67 depending on shaft seal |
- ⤷
What is the difference between a hollow shaft and a solid shaft encoder in terms of installation?
- ⤷ How do I wire the differential outputs (A
- ⤷ B
- ⤷ Z) to a standard PLC?
- ⤷ Can the resolution of this encoder be changed after purchase?