XHS35F-100-R2-FS-EPROGABZ
AI

The **XHS35F-100-R2-FS-EPROGABZ** is a high-performance, programmable incremental optical encoder manufactured by **BEI Sensors (Sensata Technologies)**. It is designed for heavy-duty industrial applications, particularly for large motor feedback.
---
## 1. Electronic & Technical Specifications
The part number follows a specific nomenclature that defines its electronic characteristics:
| Feature | Specification | Description |
| :--- | :--- | :--- |
| **Model Type** | XHS35F | Extreme Heavy Duty, Hollow Shaft (35mm series) |
| **Shaft Diameter** | 100 | 1.00-inch diameter bore |
| **Mechanical Mounting** | R2 | Tether Arm mounting (provides flexibility and vibration dampening) |
| **Protection Rating** | FS | Food Grade / Stainless Steel features (Enhanced wash-down protection) |
| **Programmability** | EPROG | Electronic Programmable (Resolution can be set via software) |
| **Output Type** | ABZ | Quadrature outputs (A, B) + Index (Z) |
---
## 2. Key Electronic Components
### A. Output Driver (Line Driver)
This device typically utilizes a **Differential Line Driver (e.g., 5-28V DC)**.
* **Channels:** A, B, and Z (Index pulse) along with their complements (A/, B/, Z/).
* **Function:** Using differential signaling allows the encoder to transmit signals over long distances while remaining immune to electromagnetic interference (EMI).
### B. EPROG Feature (Electronic Programmability)
Unlike fixed-resolution encoders, the **EPROG** variant contains an internal EEPROM.
* **PPR (Pulses Per Revolution):** Users can program the resolution (e.g., from 1 to 65,536 PPR) using a specialized programming tool.
* **Flexibility:** This reduces the need to stock multiple encoder models for different machines.
### C. Power Supply Requirements
* **Voltage Range:** Typically **5 to 28 VDC**.
* **Reverse Polarity Protection:** The internal circuitry is shielded against accidental wiring errors to prevent the destruction of the optical sensor.
---
## 3. Physical & Electrical Interface
| Component | Description |
| :--- | :--- |
| **Optical Disc** | A high-precision glass or plastic disc that breaks the infrared light beam. |
| **LED Source** | Gallium Arsenide (GaAs) infrared LED. |
| **Termination** | Usually features a multi-pin M12 or M23 connector, or a shielded cable exit. |
---
## 4. Application Logic
The electronic output is designed to interface with:
* **PLCs (Programmable Logic Controllers):** High-speed counter inputs.
* **VFDs (Variable Frequency Drives):** For closed-loop motor speed control.
* **CNC Machinery:** For precise position tracking.
---
- ⤷
What software or hardware tool is required to program the EPROG resolution?
- ⤷ What are the specific pinout assignments for the ABZ output connector?
- ⤷ How does the 'FS' rating affect the encoder's resistance to chemical cleaning?