AI

The **XHS35F-100-R2-FS-EPROGA** is a high-performance, explosion-proof optical incremental encoder manufactured by Sensata/BEI Sensors. It is specifically designed for heavy-duty industrial environments where hazardous gases or dust may be present.
---
### 1. Part Number Breakdown
Understanding the electronic and mechanical configuration through its nomenclature:
| Code | Component | Description |
| :--- | :--- | :--- |
| **XHS35** | Series | Explosion-proof, Hollow Shaft (3.5" diameter housing) |
| **F** | Mounting | Flex Mount (for hollow shaft stability) |
| **100** | Resolution | 100 Pulses Per Revolution (PPR) |
| **R2** | Shaft Size | 5/8" Hollow Shaft |
| **FS** | Sealing | Food Grade / Special Sealing for harsh environments |
| **EPROG** | Electronics | **Programmable** Universal Interface (5V to 30V) |
| **A** | Termination | Radial Connector or Cable exit |
---
### 2. Key Electronic Specifications
The "EPROG" designation indicates a highly versatile electronic output stage.
* **Supply Voltage:** Wide range, typically **5 to 30 VDC**. This allows it to interface with both TTL (5V) and HTL (24V) logic levels.
* **Output Format:** Incremental A, B, and Z (Index) channels, along with their complementary signals ($\bar{A}, \bar{B}, \bar{Z}$).
* **Driver Type:** Push-Pull or Differential Line Driver. It is short-circuit protected and reverse-polarity protected.
* **Frequency Response:** Usually up to **300 kHz**, allowing for high-speed shaft rotation without signal loss.
* **Programmability:** The "PROG" feature allows users to configure certain parameters (like resolution or output levels) using specific software tools from the manufacturer.
---
### 3. Electrical Connections
The device typically uses a radial connector or a shielded cable. The standard pinout for this electronic interface is:
| Signal | Color (Standard) | Function |
| :--- | :--- | :--- |
| **Vcc** | Red | Power Supply (5-30V) |
| **0V** | Black | Common / Ground |
| **A** | White | Channel A Pulse |
| **B** | Blue | Channel B (90° offset) |
| **Z** | Green | Index Pulse (Once per rev) |
| **Compliment** | Various | $\bar{A}, \bar{B}, \bar{Z}$ for noise immunity |
---
### 4. Safety and Environmental Ratings
The "X" in the prefix denotes its specialized electronic housing for safety:
* **Hazardous Area Ratings:** ATEX and IECEx certified for Zone 1 and Zone 21 (Flameproof "d" and Dust "t").
* **Enclosure Rating:** IP66/IP67, providing electronic protection against high-pressure water jets and submersion.
- ⤷
How do I program the PPR settings on the EPROG model?
- ⤷ What are the specific ATEX class ratings for this encoder?
- ⤷ Which mating cable is recommended for the radial connector version?