công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • XHS35F-100-R1-FS-XPROGAB

  • AI
    The **XHS35F-100-R1-FS-XPROGAB** is a high-performance, heavy-duty incremental hollow-shaft encoder manufactured by BEI Sensors (Sensata Technologies). It is specifically designed for industrial applications requiring high precision and environmental durability. --- ### 1. Part Number Breakdown & Specifications Understanding the electronic and mechanical capabilities through the part number: | Segment | Meaning | Specification | | :--- | :--- | :--- | | **XHS35** | Product Series | 3.5" Diameter Heavy Duty Hollow Shaft | | **F** | Mounting Style | Flex Mount (standard spring) | | **100** | Shaft Diameter | 1.00 Inch Bore (Hollow Shaft) | | **R1** | Housing | Radial Exit (Side Connector/Cable) | | **FS** | Safety Rating | Functional Safety (usually refers to specific certifications) | | **XPROGAB** | Output Type | **XPROG:** Programmable; **AB:** A & B Channels | --- ### 2. Key Electronic Features #### A. Programmable Resolution Unlike fixed-count encoders, the **XPROG** series allows for programmable pulses per revolution (PPR). This provides flexibility in inventory management and system tuning. - **Pulse Range:** Generally configurable between 1 and 65,536 PPR. - **Waveform:** Square wave (TTL or HTL compatible depending on input voltage). #### B. Output Circuitry The device typically utilizes a **Differential Line Driver** (RS-422 compatible). - **Channels:** A, B, and Index (Z), plus their complements (A/, B/, Z/). - **Phasing:** Channel A leads B by 90° for clockwise rotation (Standard). #### C. Electrical Protections The internal electronics are shielded against common industrial electrical faults: - **Short Circuit Protection:** Protects the output driver if wires are crossed. - **Reverse Polarity Protection:** Prevents damage if the DC power supply is connected backwards. - **ESD & EMI Shielding:** Designed to operate near high-power motors without signal degradation. --- ### 3. Technical Parameters | Parameter | Value | | :--- | :--- | | **Supply Voltage** | 5 to 28 VDC | | **Current Consumption** | 100 mA (max) | | **Frequency Response** | Up to 1 MHz | | **Operating Temperature** | -40°C to +100°C | | **Enclosure Rating** | IP65 (Standard) / IP66 (Optional) | --- ### 4. Connection Interface This model usually features a **Radial M12 or M23 connector**, or a shielded cable exit. Below is a standard wiring logic for BEI XHS series: ```text Pin/Color | Signal | Description ----------|--------|----------------------- White | A | Channel A (Pulse) Blue | B | Channel B (Quadrature) Orange | Z | Index (Home Position) Red | Vcc | Supply Voltage (+) Black | GND | Ground (-) ```
    ✨ Follow-up Questions
    • ⤷How do I program the PPR on an XPROG encoder?
    • ⤷ What are the mounting requirements for a hollow shaft encoder?
    • ⤷ Can this encoder be used in explosive atmospheres?