XHS35F-100-R1-FS-EPROGAB
AI

The **XHS35F-100-R1-FS-EPROGAB** is a high-performance, heavy-duty hollow-shaft incremental encoder manufactured by **BEI Sensors** (Sensata Technologies). This specific part number follows a nomenclature that defines its mechanical and electrical characteristics.
---
## 1. Technical Specifications Table
| Feature | Specification |
| :--- | :--- |
| **Series** | XHS35 (Explosion-proof/Heavy Duty) |
| **Shaft Diameter** | 1.00-inch Hollow Shaft |
| **Output Type** | Programmable Incremental |
| **Electrical Interface** | Push-Pull / Linedriver (Field Programmable) |
| **Resolution (PPR)** | Programmable (up to 65,536 pulses) |
| **Connection Type** | Radial M23 Connector (or similar terminal box) |
| **IP Rating** | IP67 (dust-tight and water immersion) |
---
## 2. Electronic Components Breakdown
The "Electronic Parts" of this device consist of several integrated modules that allow it to function in demanding industrial environments:
### A. The Sensing Element (Opto-ASIC)
The heart of the encoder is a **monolithic Opto-ASIC**. Unlike discrete photo-transistors, this single-chip solution provides:
* **Differential Sensing:** High resistance to common-mode noise.
* **Automatic Gain Control (AGC):** Compels the internal LED to adjust brightness based on temperature or age to maintain signal integrity.
### B. EPROG Logic (Electronic Programming)
The **"EPROG"** suffix indicates that the internal electronics are field-programmable.
* **Internal Microcontroller:** It contains a non-volatile memory (EEPROM) that stores the Resolution (Pulses Per Revolution), Index pulse width, and signal direction.
* **Flexibility:** Users can change the PPR without replacing the hardware.
### C. Output Driver Stage
The **"AB"** designator refers to the output signals (Channels A and B).
* **Balanced Linedrivers:** It typically uses RS-422 compatible drivers (like the ET7272 or similar), allowing for long cable runs (up to 100 meters) with high noise immunity.
* **Reverse Polarity Protection:** The input electronics are protected against accidental wiring swaps.
### D. Power Supply Conditioning
* **Voltage Range:** Typically supports 5V to 30V DC.
* **Transient Suppression:** Includes TVS (Transient Voltage Suppressor) diodes to protect against voltage spikes common in motor-driven environments.
---
## 3. Key Electronic Features
1. **Phasing:** Standard $90^\circ$ electrical quadrature between Channel A and B to determine rotation direction.
2. **Index Pulse (Z):** A once-per-revolution reference signal used for homing or counting revolutions.
3. **Signal Conditioning:** Internal Schmitt triggers clean up the analog signals from the optical disk to provide crisp square waves.
---
- ⤷
How do I program the PPR for the EPROG version of this encoder?
- ⤷ What is the pinout for the M23 connector on the XHS35F?
- ⤷ What are the common failure modes for heavy-duty hollow shaft encoders?