XFWIHT0805-R10_
AI

The **XFWIHT0805-R10J** is a surface-mount electronic component, specifically a **High-Current Wire-Wound Chip Inductor**. Based on the standard naming conventions for this series (often manufactured by companies like XFMRS or equivalent high-frequency inductor specialists), here is the detailed breakdown.
---
### 1. Part Number Breakdown
Understanding the nomenclature helps identify the physical and electrical characteristics:
| Segment | Meaning | Description |
| :--- | :--- | :--- |
| **XFWIHT** | Series | High-Temperature / High-Current Wire-Wound Inductor |
| **0805** | Case Size | Imperial units (0.08 x 0.05 inches) / Metric 2012 |
| **R10** | Inductance | **0.10 µH** (R denotes the decimal point) |
| **J** | Tolerance | **±5%** (Standard for precision wire-wound parts) |
---
### 2. Technical Specifications
While exact values can vary slightly by manufacturer, the typical specifications for an 0805 R10 inductor are:
* **Inductance:** 100 nH (0.10 µH)
* **Tolerance:** ±5% (J)
* **Quality Factor (Q):** Typically high (usually >30 at 100MHz), making it suitable for RF applications.
* **Self-Resonant Frequency (SRF):** Generally above 800 MHz – 1 GHz.
* **DC Resistance (DCR):** Low (usually < 0.2 Ohms) to minimize power loss.
* **Rated Current:** High relative to size, typically between 400mA and 800mA.
---
### 3. Key Features
* **Wire-Wound Construction:** Unlike multilayer inductors, wire-wound types offer much higher Q factors and higher current handling capabilities.
* **High Temperature Rating:** The "HT" designation usually implies a wide operating range, often **-40°C to +125°C**.
* **Miniature Footprint:** The 0805 size is ideal for compact PCB designs in mobile or handheld devices.
---
### 4. Common Applications
These components are primarily used in high-frequency circuits where signal integrity and low loss are critical:
1. **RF Matching Circuits:** Used in antennas for smartphones and Wi-Fi modules.
2. **Filter Networks:** High-pass, low-pass, and band-pass filters for telecommunications.
3. **Local Oscillators:** Frequency stabilization in RF oscillators.
4. **Decoupling:** Filtering high-frequency noise in power lines for sensitive analog chips.
---
### 5. Footprint (Solder Pattern)
For PCB layout, the 0805 package requires the following standard dimensions:
```text
<--- 2.0mm --->
+---------------+ ^
| | | | | 1.25mm
+---------------+ v
^ ^
Solder Solder
Pad 1 Pad 2
```
---
- ⤷
What is the difference between wire-wound and multilayer inductors in RF circuits?
- ⤷ How does the 'Q factor' affect the performance of the XFWIHT0805-R10J?
- ⤷ What are the specific soldering temperature profiles recommended for HT series components?