XFWICS1210-R56
AI

The **XFWICS1210-R56** is an integrated circuit (IC) or electronic component typically associated with specific power management or signal conditioning applications. Based on the nomenclature, it follows the standard industry pattern for a **Wire-wound Chip Inductor** (often in a 1210 package).
---
### 1. General Specifications
The part number can be deconstructed to understand its technical characteristics:
| Parameter | Value / Detail |
| :--- | :--- |
| **Series** | XFWICS (Inductor series, often ceramic or ferrite core) |
| **Package Size** | 1210 (3.2mm x 2.5mm) |
| **Inductance Value** | 0.56 µH (R56 notation) |
| **Tolerance** | Typically ±5% (J) or ±10% (K) |
| **Mounting Type** | SMD (Surface Mount Device) |
### 2. Physical Characteristics
As a **1210 package**, this part is larger than common 0603 or 0805 components, allowing it to handle higher currents and provide higher Q factors.
* **Construction:** Wire-wound over a ceramic or ferrite core. Wire-wound inductors are preferred for high-frequency applications due to their low DC resistance (DCR).
* **Dimensions:** Approximately **3.2 x 2.5 x 2.2 mm**.
### 3. Key Performance Metrics
While specific data sheets vary by manufacturer, a standard **0.56 µH 1210 inductor** usually features:
* **Self-Resonant Frequency (SRF):** High SRF (often > 200 MHz), making it suitable for RF filtering.
* **DC Resistance (DCR):** Low resistance to minimize power loss and heat generation.
* **Rated Current:** Capable of handling between 400mA to 1A depending on the specific wire gauge used.
### 4. Common Applications
This component is frequently found in the following circuits:
1. **RF Circuits:** Used for impedance matching and resonance in telecommunications equipment.
2. **Power Supplies:** Acts as a small-scale decoupling or filtering element in DC-DC converters.
3. **Signal Lines:** Used for EMI/RFI suppression to prevent high-frequency noise from interfering with data signals.
---
### Comparison: Wire-wound vs. Multilayer
| Feature | Wire-wound (XFWICS) | Multilayer Inductor |
| :--- | :--- | :--- |
| **Current Capacity** | Higher | Lower |
| **Q Factor** | High (Excellent) | Moderate |
| **Size** | Larger | Very Compact |
| **Cost** | Slightly Higher | Lower |
- ⤷
What is the maximum current rating for the R56 variant?
- ⤷ How does the 1210 package size affect thermal dissipation compared to smaller sizes?
- ⤷ Can this inductor be used in high-speed data line filtering?