XFWICS1210-R18
AI

The **XFWICS1210-R18** is an electronic component primarily identified as a **Surface Mount Device (SMD) Wire-Wound Chip Inductor**. It is part of the 1210 series, which refers to its physical dimensions in inches (0.12 x 0.10 inches).
---
### 1. Key Technical Specifications
Based on the standard nomenclature for this part number, here are the technical characteristics:
| Property | Value/Description |
| :--- | :--- |
| **Component Type** | Wire-Wound Chip Inductor |
| **Package Size** | 1210 (EIA) / 3225 (Metric) |
| **Inductance** | 0.18 µH (R18) |
| **Tolerance** | Usually ±5% (J) or ±10% (K) |
| **Mounting Type** | Surface Mount (SMD) |
| **Material** | Ceramic core with copper winding |
---
### 2. Breakdown of the Part Number
The alphanumeric code provides specific details about the component's construction:
* **XFWI**: Typically represents the manufacturer's series prefix (XFMRS or similar).
* **CS**: Indicates a "Ceramic Series" or "Chip Standard" construction.
* **1210**: The physical footprint (3.2mm x 2.5mm).
* **R18**: The inductance value. The "R" acts as a decimal point, meaning **0.18 microhenries (µH)**.
---
### 3. Features and Applications
#### Features
* **High Q-Factor:** Ceramic cores provide excellent performance at high frequencies.
* **Stable Inductance:** Maintains values across a wide temperature range.
* **Miniature Size:** Ideal for high-density PCB layouts.
#### Common Applications
1. **RF Circuits:** Used in impedance matching and resonance circuits for high-frequency communication.
2. **Filtering:** Used in EMI/RFI suppression to clean up signals in power lines or data lines.
3. **Signal Decoupling:** Isolating different stages of an electronic circuit to prevent interference.
---
### 4. Dimensions (1210 Package)
The standard dimensions for a 1210 package are as follows:
| Dimension | Millimeters (mm) | Inches (in) |
| :--- | :--- | :--- |
| **Length (L)** | 3.20 ± 0.2 | 0.126 |
| **Width (W)** | 2.50 ± 0.2 | 0.098 |
| **Height (H)** | ~2.20 | ~0.087 |
- ⤷
What is the difference between a ceramic core and a ferrite core inductor in the 1210 size?
- ⤷ How do I calculate the Self-Resonant Frequency (SRF) for this component?
- ⤷ Can this inductor be used in high-current power supply applications?